Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU8753 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NJU8753
Description  Analog Signal Input Class D Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NJU8753 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NJU8753 Datasheet HTML 1Page - List of Unclassifed Manufacturers NJU8753 Datasheet HTML 2Page - List of Unclassifed Manufacturers NJU8753 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJU8753 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJU8753 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJU8753 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJU8753 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NJU8753
- 4 -
Ver.2003-09-26
FUNCTIONAL DESCRIPTION
(1) Signal Output
The OUTP and OUTN generate PWM output signals, which will be converted to analog signal via external
2nd-order or higher LC filter. A switching regulator with a high response against a voltage fluctuation is the best
selection for the VDDO, which are the power supply for output drivers. To obtain better THD performance, the
stabilization of the power is required.
(2) EN1
By setting the EN1 pin to “L”, the standby mode is enabled. In the standby mode, the entire functions of the
NJU8753
enter a low-power state, and the output pins (OUTP and OUTN) are high impedance.
(3) Low Voltage Detector
When the power supply voltage drops down to below VDD(MIN), the internal oscillation is halted for prevention
to generate unwanted frequency, and the output pins (OUTP, OUTN) become in high impedance.
(4) Step-up switching regulator
The switching regulator is used as power supply(VDDO) for power amplifier of class-D. The PFM controlled
switching regulator works with external components, which are coil, capacitor, Schottky-diode and resistor for
Step-up voltage.
By setting the EN2 pin to “H”, the step-up operation is enabled, and in case of “L”, standby mode is enabled.
Step-up voltage is set by internal reference voltage(VREG / 2) and external resistors.
The step-up voltage can be calculated by the following methods:
<Calculation of the step-up voltage>
The step-up voltage is determined by internal reference voltage(VREF), R1 and R2. (See Figure.2)
ex. VDD=2.85V, Internal reference voltage(VREF) = VREG / 2=1.425[V], R1=2MΩ, R2=330kΩ
” Step-up voltage[V] = VREF×((R1+R2)/R2) = 1.425×((2M + 330k)/330k) = 10.06[V] ”
Note 1) Apply VREG first, next VBAT. Otherwise, the voltage stress may cause a permanent damage to the IC.
(5) Short Circuit Protection
The short protector, which protects the NJU8753 against high short-circuit current, turns off the output driver.
After about 5 seconds from the protection, the NJU8753 returns to normal operation. The short protector
functions at the following accidents.
-Short between OUTP and OUTN
-Short between OUTP and VSS
-Short between OUTN and VSS
Note 1) The detectable current and the period for the protection depend on the power supply voltage
and ambient temperature.
Note 2) The short protector is not effective for a long term short-circuit current but for an instantaneous accident.
Continuous high-current may cause permanent damage to the NJU8753.


Similar Part No. - NJU8753

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8752 NJRC-NJU8752 Datasheet
63Kb / 6P
   Analog Signal Input Class D Amplifier for Piezo Speaker
NJU8752V NJRC-NJU8752V Datasheet
63Kb / 6P
   Analog Signal Input Class D Amplifier for Piezo Speaker
NJU8754 NJRC-NJU8754 Datasheet
99Kb / 6P
   Analog Signal Input Monaural Class D Power Amplifier
NJU8754KM1 NJRC-NJU8754KM1 Datasheet
99Kb / 6P
   Analog Signal Input Monaural Class D Power Amplifier
NJU8754V NJRC-NJU8754V Datasheet
99Kb / 6P
   Analog Signal Input Monaural Class D Power Amplifier
More results

Similar Description - NJU8753

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8755 NJRC-NJU8755 Datasheet
85Kb / 6P
   Analog Signal Input Stereo Class D Power Amplifier
NJU8754 NJRC-NJU8754 Datasheet
99Kb / 6P
   Analog Signal Input Monaural Class D Power Amplifier
NJU8752 NJRC-NJU8752 Datasheet
63Kb / 6P
   Analog Signal Input Class D Amplifier for Piezo Speaker
NJU8758 NJRC-NJU8758 Datasheet
162Kb / 8P
   Analog Signal Input Monaural 1.5W Filterless Class D Power Amplifier
logo
Rohm
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_13 Datasheet
667Kb / 25P
   Analog Input Stereo Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5461GUL ROHM-BD5461GUL_10 Datasheet
435Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com