Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75L00D Datasheet(PDF) 41 Page - Exar Corporation

Part # XRT75L00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L00D Datasheet(HTML) 41 Page - Exar Corporation

Back Button XRT75L00D Datasheet HTML 37Page - Exar Corporation XRT75L00D Datasheet HTML 38Page - Exar Corporation XRT75L00D Datasheet HTML 39Page - Exar Corporation XRT75L00D Datasheet HTML 40Page - Exar Corporation XRT75L00D Datasheet HTML 41Page - Exar Corporation XRT75L00D Datasheet HTML 42Page - Exar Corporation XRT75L00D Datasheet HTML 43Page - Exar Corporation XRT75L00D Datasheet HTML 44Page - Exar Corporation XRT75L00D Datasheet HTML 45Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
XRT75L00D
REV. 1.0.2
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
36
7.0
SERIAL HOST INTERFACE:
A flexible serial microprocessor interface is incorporated in the XRT75L00D. The interface is generic and is
designed to support the common microprocessors/microcontrollers. The XRT75L00D operates in Host mode
when the HOST/HW pin is tied “High”. The serial interface includes a serial clock (SClk), serial data input
(SDI), serial data output (SDO), chip select (CS) and interrupt output (INT). The serial interface timing is shown
in Figure 11.
The active low interrupt output signal (INT pin) indicates alarm conditions like LOS, DMO and FL to the
processor.
When the XRT75L00D is configured in Host mode, the following input pins,TxLEV, TAOS, RLB, LLB, E3, STS-
1/DS3, REQEN, JATx/Rx, JA0 and JA1 are disabled and must be connected to ground.
Table 14 below illustrates the functions of the shared pins in either Host mode or in Hardware mode.
NOTE: While configured in Host mode, the TxON input pin will be active if the TxON bit in the control register is set to “1”,
and can be used to turn on and off the transmit output drivers. This permits a system designed for redundancy to
quickly switch out a defective line card and switch-in the backup line card.
TABLE 14: FUNCTIONS OF SHARED PINS
PIN NUMBER
IN HOST MODE
IN HARDWARE MODE
24
CS
RxClkINV
26
SClk
TxClkINV
25
SDI
RxON
27
SDO
RxMON
28
INT
LOSMUT
TABLE 15: REGISTER MAP AND BIT NAMES
ADDRESS
(HEX)
PARAMETER
NAME
DATA BITS
76
5
43210
0x00
APS/Redundancy
(read/write)
Reserved Reserved
Reserved
RxON
Reserved Reserved Reserved
TxON
0x01
Interrupt Enable
(read/write)
Reserved
CNT_SATIE PRBSIE
FLIE
RLOLIE
RLOSIE
DMOIE
0x02
Interrupt Status
(reset on read)
Reserved
CNT_SATIS PRBSIS
FLIS
RLOLIS
RLOSIS
DMOIS
0x03
Alarm Status
(read only)
Reserved PRBSLS
DLOS
ALOS
FL
RLOL
RLOS
DMO
0x04
Transmit Control
(read/write)
Reserved
TxMON
INSPRBS Reserved
TAOS
TxClkINV
TxLEV
0x05
Receive Control
(read/write)
Reserved
DLOSDIS
ALOSDIS RxClkINV LOSMUT
RxMON
REQEN
0x06
Block Control
(read/write)
Reserved
PRBSEN
RLB
LLB
E3
STS1/
DS3
SR/DR
0x07
Jitter Attenuator
(read/write)
Reserved
DFLCK
PNTRST
JA1
JATx/Rx
JA0


Similar Part No. - XRT75L00D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00IV EXAR-XRT75L00IV Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results

Similar Description - XRT75L00D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L04D EXAR-XRT75L04D Datasheet
935Kb / 98P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R06D EXAR-XRT75R06D Datasheet
1Mb / 105P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L06D EXAR-XRT75L06D Datasheet
1Mb / 103P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com