Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75L00D Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT75L00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L00D Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT75L00D Datasheet HTML 35Page - Exar Corporation XRT75L00D Datasheet HTML 36Page - Exar Corporation XRT75L00D Datasheet HTML 37Page - Exar Corporation XRT75L00D Datasheet HTML 38Page - Exar Corporation XRT75L00D Datasheet HTML 39Page - Exar Corporation XRT75L00D Datasheet HTML 40Page - Exar Corporation XRT75L00D Datasheet HTML 41Page - Exar Corporation XRT75L00D Datasheet HTML 42Page - Exar Corporation XRT75L00D Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
XRT75L00D
REV. 1.0.2
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
34
6.2
JITTER TRANSFER - RECEIVER/TRANSMITTER:
Jitter Transfer function is defined as the ratio of jitter on the output relative to the jitter applied on the input
versus frequency.
There are two distinct characteristics in jitter transfer: jitter gain (jitter peaking) defined as the highest ratio
above 0 dB; and jitter transfer bandwidth.The overall jitter transfer bandwidth is controller by a low bandwidth
loop,which is part of the XRT75L00D.
The jitter transfer function is a ratio between the jitter output and jitter input for a component, or system often
expressed in dB. A negative dB jitter transfer indicates the element removed jitter. A positive dB jitter transfer
indicates the element added jitter.A zero dB jitter transfer indicates the element had no effect on jitter.
Table 12 shows the jitter transfer characteristics and/or jitter attenuation specifications for various data rates:
The XRT75L00D meets the above Jitter Specifications.
6.3
JITTER GENERATION:
Jitter Generation is defined as the process whereby jitter appears at the output port of the digital equipment in
the absence of applied input jitter. Jitter Generation is measured by sending jitter free data to the clock and
data recovery circuit and measuring the amount of jitter on the output clock or the re-timed data. Since this is
essentially a noise measurement, it requires a definition of bandwidth to be meaningful. The bandwidth is set
according to the data rate. In general, the jitter is measured over a band of frequencies.
6.4
Jitter Attenuator:
An advanced crystal-less jitter attenuator is included in the XRT75L00D. The jitter attenuator uses the internal
reference clock.
In Host mode, by clearing or setting the JATx/Rx bit in the control register selects the jitter attenuator either in
the Receive or Transmit path. In Hardware mode, JATx/Rx pin selects the jitter attenuator in Receive or
Transmit path.
The FIFO is either a 16-bit, 32-bit or 128-bit register. In Host mode, the bits JA0 and JA1can be set to
appropriate combination to select the different FIFO sizes or to disable the jitter attenuator. In Hardware mode,
appropriate setting of the pins JA0 and JA1 selects the different FIFO sizes or disable the jitter attenuator. Data
is clocked into the FIFO with the associated clock signal (TxClk or RxClk) and clocked out of the FIFO with the
dejittered clock. When the FIFO is within two bits of overflowing or underflowing, the FIFO limit status bit, FL is
set to “1” in the Alarm status register. Reading this bit clears the FIFO and resets the bit into default state.
TABLE 11: JITTER AMPLITUDE VERSUS MODULATION FREQUENCY (JITTER TOLERANCE)
BIT RATE
(KB/S)
STANDARD
INPUT JITTER AMPLITUDE (UI
P
-P)
MODULATION FREQUENCY
A1
A2
A3
F
1(HZ)
F
2(HZ)
F
3(KHZ)
F
4(KHZ)
F
5(KHZ)
34368
ITU-T G.823
1.5
0.15
-
100
1000
10
800
-
44736
GR-499
CORE Cat I
5
0.1
-
10
2.3k
60
300
-
44736
GR-499
CORE Cat II
10
0.3
-
10
669
22.3
300
-
51840
GR-253
CORE Cat II
15
1.5
0.15
10
30
300
2
20
TABLE 12: JITTER TRANSFER SPECIFICATIONS
E3
DS3
STS-1
ETSI TBR-24
GR-499 CORE section 7.3.2
Category I and Category II
GR-253 CORE section 5.6.2.1


Similar Part No. - XRT75L00D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00IV EXAR-XRT75L00IV Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results

Similar Description - XRT75L00D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L04D EXAR-XRT75L04D Datasheet
935Kb / 98P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R06D EXAR-XRT75R06D Datasheet
1Mb / 105P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L06D EXAR-XRT75L06D Datasheet
1Mb / 103P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com