Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNIVSX1500 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # OMNIVSX1500
Description  1.5kVA 900W Line-Interactive UPS with 8 C13 Outlets - AVR, 230V, C14 Inlet, LCD, USB, Tower
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

OMNIVSX1500 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  OMNIVSX1500 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved OMNIVSX1500 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved OMNIVSX1500 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved OMNIVSX1500 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved OMNIVSX1500 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Individually Controllable Load Banks
No
INPUT
Rated input current (Maximum Load)
6.5
Nominal Input Voltage(s) Supported
230V AC
UPS Input Connection Type
C14 inlet
Input Circuit Breakers
10A fuse
Input Phase
Single-Phase
BATTERY
Half Load Runtime (min.)
6.5 minutes (450 watts)
DC System Voltage (VDC)
24
Battery Recharge Rate (Included
Batteries)
Less than 8 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
&nbsp;<a class="productLink" href="//www.tripplite.com/UPS-Replacement-Battery-Cartridge-Tripp-Lite-APC-Belkin-
Best-Powerware-Liebert-other-UPS~RBC51">RBC51</a>&nbsp;(qty 2)
Battery Access
Includes bottom panel battery access door
Battery Replacement Description
Replaceable internal battery (see manual)
Expandable Runtime
No
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with a correction range from 170V to 280V
Overvoltage Correction
Input voltages between 247 and 280 are reduced by 15%
Undervoltage Correction
Input voltages between 170 and 207 are boosted by 18%
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Touchscreen LCD indicates input voltage, output voltage, output load percentage and battery charge percentage;
Supports additional fault reporting (see manual); Touchscreen LCD remains lighted for 20 seconds in line power
mode after any user interaction and remains lighted full time in battery mode
Switches
Power switch offers whole UPS off/on power control
Alarm Cancel Operation
Alarm remains silent in battery power mode until low-battery condition occurs
Audible Alarm
Audible alarm indicates low-battery condition during battery mode operation
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
312
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
3 / 5


Similar Part No. - OMNIVSX1500

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNIVSX1500D TRIPPLITE-OMNIVSX1500D Datasheet
174Kb / 5P
   1.5kVA 900W Line-Interactive UPS with 4 Schuko CEE 7/7 Outlets - AVR, 230V, 1.5 m Cord, LCD, USB, Tower
More results

Similar Description - OMNIVSX1500

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNIVSX1000 TRIPPLITE-OMNIVSX1000 Datasheet
174Kb / 5P
   1kVA 600W Line-Interactive UPS with 8 C13 Outlets - AVR, 230V, C14 Inlet, LCD, USB, Tower
OMNIVSX850 TRIPPLITE-OMNIVSX850 Datasheet
174Kb / 5P
   850VA 480W Line-Interactive UPS with 6 C13 Outlets - AVR, 230V, C14 Inlet, LCD, USB, Tower
SMX1500LCDT TRIPPLITE-SMX1500LCDT Datasheet
561Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, Tower, LCD display, USB, DB9 Serial
OMNIVSX1500D TRIPPLITE-OMNIVSX1500D Datasheet
174Kb / 5P
   1.5kVA 900W Line-Interactive UPS with 4 Schuko CEE 7/7 Outlets - AVR, 230V, 1.5 m Cord, LCD, USB, Tower
SMX1500LCD TRIPPLITE-SMX1500LCD Datasheet
486Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD display, USB, DB9 Serial
SMX1500SLT TRIPPLITE-SMX1500SLT Datasheet
500Kb / 5P
   SmartPro 230V 1.5kVA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, Serial
OMNIVSINT1000 TRIPPLITE-OMNIVSINT1000 Datasheet
491Kb / 4P
   OmniVS 230V 1000VA 500W Line-Interactive UPS,Tower, USB port, C13 Outlets
logo
List of Unclassifed Man...
AVRX750U ETC2-AVRX750U Datasheet
524Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 230V UPS with USB port, C13 outlets
AVRX550U ETC2-AVRX550U Datasheet
522Kb / 6P
   AVR Series 550VA Ultra-compact Line-Interactive 230V UPS with USB port, C13 outlets
logo
Tripp Lite. All Rights ...
AVRX750U TRIPPLITE-AVRX750U_15 Datasheet
523Kb / 4P
   AVR Series 230V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port, C13 Outlets
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com