Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCM Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCM
Description  Chip Type, Low Impedance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCM Datasheet(HTML) 2 Page - Nichicon corporation

  UCM Datasheet HTML 1Page - Nichicon corporation UCM Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Code
V
6.3
0J
10
1A
16
1C
25
1E
35
1V
50
1H
Rated
ripple
Impedance
●In this case, 6 will be put at 12th digit of type numbering system.
×
10
22
33
47
68
100
150
220
330
470
560
680
750
820
910
1000
1100
1200
1500
1600
1800
2200
2400
2700
3600
3900
5100
100
220
330
470
680
101
151
221
331
471
561
681
751
821
911
102
112
122
152
162
182
222
242
272
362
392
512
1.00
0.36
0.26
0.16
0.16
0.08
0.06
160
240
300
600
600
850
1190
4 × 5.8
5 × 5.8
6.3 × 5.8
6.3 × 7.7
6.3 × 7.7
8 × 10
10 × 10
1.00
0.36
0.26
0.16
0.16
0.08
0.06
1.00
0.36
0.36
0.26
0.26
0.16
0.08
0.06
1.00
1.00
0.36
0.36
0.26
0.16
0.16
0.08
0.06
0.058
0.046
0.047
0.045
0.034
0.032
160
240
240
300
300
600
850
1190
160
160
240
240
300
600
600
850
1190
1420
2080
1910
2060
2540
2640
160
240
300
600
600
850
1190
4 × 5.8
5 × 5.8
6.3 × 5.8
6.3 × 7.7
6.3 × 7.7
8 × 10
10 × 10
4 × 5.8
5 × 5.8
5 × 5.8
6.3 × 5.8
6.3 × 5.8
6.3 × 7.7
8 × 10
10 × 10
4 × 5.8
4 × 5.8
5 × 5.8
5 × 5.8
6.3 × 5.8
6.3 × 7.7
6.3 × 7.7
8 × 10
10 × 10
12.5 × 13.5
12.5 × 21
16 × 16.5
18 × 16.5
16 × 21.5
18 × 21.5
1.00
0.36
0.36
0.26
0.26
0.16
0.08
0.06
0.058
0.046
0.047
0.045
0.034
0.032
160
240
240
300
300
600
850
1190
1420
2080
1910
2060
2540
2640
4 × 5.8
5 × 5.8
5 × 5.8
6.3 × 5.8
6.3 × 5.8
6.3 × 7.7
8 × 10
10 × 10
12.5 × 13.5
12.5 × 21
16 × 16.5
18 × 16.5
16 × 21.5
18 × 21.5
2.30
0.88
0.88
0.68
0.34
0.18
0.12
0.12
0.08
0.08
0.078
0.05
0.05
85
165
165
195
350
670
900
1340
1970
1820
1980
2440
2550
4 × 5.8
 5 × 5.8
5 × 5.8
6.3 × 5.8
6.3 × 7.7
8 × 10
10 × 10
12.5 × 13.5
12.5 × 21
16 × 16.5
18 × 16.5
16 × 21.5
18 × 21.5
Code
V
63
1J
80
1K
100
2A
Rated
ripple
Impedance
MAX. Impedance (Ω) at 20℃ 100kHz, Rated ripple current(mArms) at 105℃ 100kHz
×
130
220
240
330
360
390
510
560
620
750
820
910
1200
131
221
241
331
361
391
511
561
621
751
821
911
122
0.14
0.086
0.082
0.08
0.055
0.054
1250
1850
1740
1880
2330
2430
12.5 × 13.5
12.5 × 21
16 × 16.5
18 × 16.5
16 × 21.5
18 × 21.5
0.18
0.11
0.10
0.098
0.066
0.063
0.18
0.11
0.10
0.098
0.066
0.063
1050
1580
1500
1670
2040
2140
1050
1580
1500
1670
2040
2140
12.5 × 13.5
12.5 × 21
16 × 16.5
18 × 16.5
16 × 21.5
18 × 21.5
12.5 × 13.5
12.5 × 21
16 × 16.5
18 × 16.5
16 × 21.5
18 × 21.5
ALUMINUM ELECTROLYTIC CAPACITORS
UCM
Dimensions
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz or more
0.35
0.50
0.64
0.83
1.00
October 2018


Similar Part No. - UCM

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
UCM-5 TDK-UCM-5 Datasheet
578Kb / 4P
   Film Capacitors ??Power Factor Correction
logo
Unisonic Technologies
UCM101 UTC-UCM101 Datasheet
110Kb / 4P
   BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
UCM101 UTC-UCM101 Datasheet
110Kb / 4P
   BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
UCM101G-AF5-R UTC-UCM101G-AF5-R Datasheet
110Kb / 4P
   BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
UCM101G-AF5-R UTC-UCM101G-AF5-R Datasheet
110Kb / 4P
   BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
More results

Similar Description - UCM

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
   Chip Type, Low Impedance
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
   Chip Type, Low Impedance.
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
logo
DB Lectro Inc
LZ1H010KC DBLECTRO-LZ1H010KC Datasheet
508Kb / 13P
   CHIP TYPE, LOW IMPEDANCE
logo
Nichicon corporation
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
   Chip Type, Low Impedance.
logo
DB Lectro Inc
KZ1H010KC DBLECTRO-KZ1H010KC Datasheet
564Kb / 13P
   CHIP TYPE, EXTRA LOW IMPEDANCE
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
   CHIP TYPE IMPEDANCE CONVERTER
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com