Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RL8 Datasheet(PDF) 2 Page - Nichicon corporation

Part No. RL8
Description  Low ESR, Low Profile
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NICHICON [Nichicon corporation]
Homepage  http://www.nichicon-us.com
Logo 

RL8 Datasheet(HTML) 2 Page - Nichicon corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
85
CAT.8100H
6100
6100
6100
6100
6100
6100
6100
6100
6100
6100
5700
5700
5700
5700
5700
5700
5700
5700
5000
5000
5000
5000
5000
5000
5000
4000
3000
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
8×8
6
6
6
6
6
7
7
6
6
6
8
8
8
8
8
8
9
9
12
12
12
10
10
12
12
16
25
500
500
513
513
625
750
938
560
560
820
592
592
706
706
857
1033
1260
1260
320
576
704
864
864
1056
1056
1504
700
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
RL80E561MDN1
□□
RL80E561MDNASQ
□□
RL80E821MDN1
□□
RL80E821MDNASQ
□□
RL80E102MDN1
□□
RL80E122MDN1
□□
RL80E152MDN1
□□
RL80G561MDN1
□□
RL80G561MDNASQ
□□
RL80G821MDN1
□□
RL80J471MDN1
□□
RL80J471MDNASQ
□□
RL80J561MDN1
□□
RL80J561MDNASQ
□□
RL80J681MDN1
□□
RL80J821MDN1
□□
RL80J102MDN1
□□
RL80J102MDNASQ
□□
RL81C101MDN1
□□
RL81C181MDN1
□□
RL81C221MDN1
□□
RL81C271MDN1
□□
RL81C271MDNASQ
□□
RL81C331MDN1
□□
RL81C331MDNASQ
□□
RL81C471MDN1
□□
RL81V101MDN1
□□
FP-2R5RE561M-L8
□□
FP-2R5RE561M-L8
□□-5K
FP-2R5RE821M-L8
□□
FP-2R5RE821M-L8
□□-5K
FP-2R5RE102M-L8
□□
FP-2R5RE122M-L8
□□
FP-2R5RE152M-L8
□□
FP-4R0RE561M-L8
□□
FP-4R0RE561M-L8
□□-5K
FP-4R0RE821M-L8
□□
FP-6R3RE471M-L8
□□
FP-6R3RE471M-L8
□□-5K
FP-6R3RE561M-L8
□□
FP-6R3RE561M-L8
□□-5K
FP-6R3RE681M-L8
□□
FP-6R3RE821M-L8
□□
FP-6R3RE102M-L8
□□
FP-6R3RE102M-L8
□□-5K
FP-016RE101M-L8
□□
FP-016RE181M-L8
□□
FP-016RE221M-L8
□□
FP-016RE271M-L8
□□
FP-016RE271M-L8
□□-5K
FP-016RE331M-L8
□□
FP-016RE331M-L8
□□-5K
FP-016RE471M-L8
□□
FP-035RE101M-L8
□□
560
560
820
820
1000
1200
1500
560
560
820
470
470
560
560
680
820
1000
1000
100
180
220
270
270
330
330
470
100
2.8
7.2
2.5
(0E)
4.6
4.0
(0G)
6.3
(0J)
18.4
16
(1C)
40.2
35
(1V)
16V 270µF
16V 270µF
Frequency Characteristics (The frequency characteristics are typical and not a guaranteed value.)
Frequency (kHz)
Frequency (kHz)
Dimensions
NICHICON
FPCAP
Leakage
Current
(µA, 2min.)
tan δ
ESR
(m )
(20°C/100kHz)
Rated Ripple
Current
(mArms)
(105°C/100kHz)
Case Size
φD×L (mm)
Rated Voltage
(V)
(code)
Rated
Capacitance
(
µF)
Surge
Voltage
(V)
RL8
Taping specifications are given in page 26, 27.
Please refer to page 3 for the minimum order quantity.
: Load life 5000hours.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn