Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL8 Datasheet(PDF) 1 Page - Nichicon corporation

Part # RL8
Description  Low ESR, Low Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

RL8 Datasheet(HTML) 1 Page - Nichicon corporation

  RL8 Datasheet HTML 1Page - Nichicon corporation RL8 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
84
CAT.8100H
RL8
(mm)
φD×L
8×8
φd
0.6
P
3.5
α
1.0
Test condition
Capacitance change
tan δ
ESR( 1)
Leakage current ( 2)
105°C, rated voltage 2000 / 5000Hrs.
Within ±20% of initial value before test
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
–55 to
+105°C
2.5 to 35V
100 to 1500µF
±20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
Less than or equal to the specified value. After 2 minutes' application of rated voltage at 20°C
Specifications
Performance Characteristics
Item
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Endurance
Tangent of loss angle (tan δ)
Leakage Current ( 2)
ESR ( 1)
1 ESR should be measured at both of the terminal ends closest to the capacitor body.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
Dimensions
Type numbering system (Example : 16V 270µF)
Nichicon part number
R
1
L
2 3
1
4
C
5
2
6
7
7
1
8
M
9
D
10
N
11
A
12
S
13
Q C G
14 15 16
Configuration
Lead Forming
Control code
Capacitance tolerance (±20%)
Rated capacitance (270µF)
Rated voltage (16V)
Series name
Type
8
FPCAP part number
FP 016 RE 271 M
L8 CG 5K
Configuration
Lead Forming
Control code
Capacitance tolerance (±20%)
Capacitance (270µF)
Voltage(16V)
Series name
Type
Aluminum case
Stand off
Wire(Lead free)
Lot No.
Product Logo
Voltage
Capacitance
L+αMAX.
15MIN.
4MIN.
φd
Dimension table in next page.
Low ESR, Low Profile (φ8)
Ultra Low ESR, High ripple current.
Low Profile(Height 8mm).
Load life of 2000/5000 hours at 105°C.
Radial lead type : Lead free flow soldering condition
correspondence.
Compliant to the RoHS directive (2011/65/EU).
RE5
RL8 LowerESR
RS8
Lower
ESL
Frequency coefficient of rated ripple current
Coefficient
Frequency
120 Hz
1 kHz
10 kHz
100 kHz
300 kHz
0.10
0.45
0.50
1.00
1.00


Similar Part No. - RL8

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RL800D-1208 RUILON-RL800D-1208 Datasheet
531Kb / 5P
   Gas Discharge Tubes
RL800F-1212 RUILON-RL800F-1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
RL800F-2006 RUILON-RL800F-2006 Datasheet
632Kb / 5P
   Gas Discharge Tubes
logo
Rectron Semiconductor
RL801 RECTRON-RL801 Datasheet
25Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
logo
First Components Intern...
RL801 FCI-RL801 Datasheet
85Kb / 2P
   8.0 Amp Glass Passivated PLASTIC SILICON RECTIFIERS
More results

Similar Description - RL8

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
RS8 NICHICON-RS8 Datasheet
710Kb / 2P
   Low ESR / ESL, Low Profile
RF8 NICHICON-RF8 Datasheet
687Kb / 2P
   Low ESR / ESL, Low Profile
logo
Kemet Corporation
B45190E KEMET-B45190E Datasheet
464Kb / 16P
   Low Profile, Standard and Low ESR
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com