Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS1893Y-10 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS1893Y-10
Description  3.3V 10Base-T/100Base-TX Integrated PHYceiverTM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893Y-10 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS1893Y-10 Datasheet HTML 1Page - Integrated Circuit Systems ICS1893Y-10 Datasheet HTML 2Page - Integrated Circuit Systems ICS1893Y-10 Datasheet HTML 3Page - Integrated Circuit Systems ICS1893Y-10 Datasheet HTML 4Page - Integrated Circuit Systems ICS1893Y-10 Datasheet HTML 5Page - Integrated Circuit Systems ICS1893Y-10 Datasheet HTML 6Page - Integrated Circuit Systems ICS1893Y-10 Datasheet HTML 7Page - Integrated Circuit Systems ICS1893Y-10 Datasheet HTML 8Page - Integrated Circuit Systems ICS1893Y-10 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Product Brief
ICS1893AF
Page 3
Document Revision: 5 April 2002
Pins LSTA (link status) and LOCK (rec. PLL locked) are not brought out.
o
LSTA and LOCK provided redundant information already available with the P2LI pin. P2LI
indicates the Link is valid.
Input pin TXER is removed and tied low inside the package. The TXER function is still available by using
the Extended Control Register Reg 16 Bit 2. Most applications tied the TXER pin to VSS.
ICS1893AF Shared Features
The same silicon die is used in the ICS1893AF and ICS1893Y-10.
o
Only the package type is different.
The ICS1893AF offers the same .35µ 3.3V low power operation.
Parametric specifications and timing diagrams same as ICS1893Y-10.
o
See ICS1893 Data Sheet for specification and timing details.
Both the ICS1893Y-10 and the ICS1893AF incorporate Digital Signal Processing in their PMD Sub layer,
thereby allowing them to transmit and receive data with Unshielded Twisted Pair (UTP) Category 5
cables up to 150 meters in length. In addition, this ICS-patented, technology has allowed the ICS1893Y-
10 and ICS1893AF to address the effects of Baseline Wander correction with UTP cable lengths up to
150m.
Both ICS1893AF and ICS1893Y-10 have improved 10Base-T Squelch operation.
The 1893AF uses the same twisted pair transmitter and receive circuits and therefore the same
recommended board layout techniques apply. See Typical Board Layout section.
Both share improved transmit circuits resulting in decrease in the magnitude of the 10Base-T harmonic
content generated during transmission (reference ISO/IEC 8802-3: 1993 Clause 8.3.1.3).
Both use digital PLL technology resulting in lower jitter and improved stability.
Both seed the transmit stream cipher with the PHY address. This minimizes cross-talk, EMI and noise in
multiple Phy applications.
The MDIO Maintenance interface with the MDIO and MDC pins along with all internal registers are
preserved in the ICS1893AF. This allows software configuring for FD/HD, 10baseT, 100baseTX and
Auto-Negotiation to be configurable by the MDIO maintenance interface. Default setting is Auto-
Negotiation Enable. All register settings are the same as in the ICS1893 datasheet.
The ICS1893AF preserves the dual purpose LED/Phy Address control pins as in the ICS1893Y-10. The
captured address seeds the scrambler for lower EMI in for multiple Phy applications.
All Auto-Negotiation features are preserved in the ICS1893AF. The reset default mode is A_N enabled.
The A_N parallel detect feature is preserved for legacy interoperability.
Both support the Auto-Negotiation Next Page functions as described in IEEE Std 802.3u-1995 clause
28.2.3.4
Both support Management Frame (MF) Preamble Suppression.
Both support backward compatibility with the ICS1890 Management Registers


Similar Part No. - ICS1893Y-10

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1893Y-10 ICST-ICS1893Y-10 Datasheet
983Kb / 152P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893Y-10 ICST-ICS1893Y-10 Datasheet
389Kb / 7P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
ICS1893Y-10 ICST-ICS1893Y-10 Datasheet
948Kb / 152P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893Y-10LFT RENESAS-ICS1893Y-10LFT Datasheet
1Mb / 153P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiverä
2019
More results

Similar Description - ICS1893Y-10

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1892 ICST-ICS1892 Datasheet
816Kb / 148P
   10Base-T/100Base-TX Integrated PHYceiver
ICS1890 ICST-ICS1890 Datasheet
1Mb / 24P
   10Base-T/100Base-TX Integrated PHYceiver-TM
logo
Integrated Device Techn...
ICS1893CF IDT-ICS1893CF Datasheet
1Mb / 127P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893_09 Datasheet
948Kb / 152P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893CY-10 ICST-ICS1893CY-10 Datasheet
1Mb / 143P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
ICS1893CF ICST-ICS1893CF Datasheet
1Mb / 126P
   3.3-V 10Base-T/100Base-TX Integrated PHYceive
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
logo
Integrated Device Techn...
ICS1893AFLF IDT-ICS1893AFLF Datasheet
1Mb / 136P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893BF ICST-ICS1893BF Datasheet
1Mb / 133P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
ICS1893BY-10 ICST-ICS1893BY-10 Datasheet
1Mb / 143P
   3.3-V 10Base-T/100Base-TX Integrated PHYceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com