Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA12-60V21 Datasheet(PDF) 1 Page - Kemet Corporation

Part No. LA12-60V21
Description  KEMET, MDCS, Current, Through-Hole, DC/AC/Pulse, AC, DC and Pulse Current Detection
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

LA12-60V21 Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: LA12-60V21
KEMET, MDCS, Current, Through-Hole, DC/AC/Pulse, AC, DC and Pulse Current Detection
Dimensions
L
19.6mm NOM
W
18mm NOM
H
21mm NOM
LL
3.5mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 400
Weight: 7.4 g
General Information
Series: MDCS
Type: Current
Style: Through-Hole
Description: Magnetic Direct Current Sensors
Features: AC, DC and Pulse Current
Detection
Lead: Tab Leads
RoHS: Yes
Notes: Primary Side Windings: 1 turn
Specifications
Temperature Range: -10/+75C
Voltage DC:
2000 V (Output, +/- 6mV), 2500
V (Residual), 12 V (Power
Supply)
Voltage AC: 2000 per minute
Residual Voltage: 2500 V +/- 0.06 V
Power Supply Voltage: 12 V +/- 5% (30mV MAX)
Insulation Withstanding
Voltage: 500 VDC - 500 Mohm
Current: 60 Amps
© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/27/2018 - 6798a92c-97bb-40e2-96ed-9901918b9a49


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn