Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BP48V60RT-3U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. BP48V60RT-3U
Description  External 48V 3U Rack/Tower Battery Pack Enclosure DC Cabling for select UPS Systems
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BP48V60RT-3U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  BP48V60RT-3U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BP48V60RT-3U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BP48V60RT-3U Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
External 48V 3U Rack/Tower Battery Pack
Enclosure + DC Cabling for select UPS Systems
(BP48V60RT-3U)
MODEL NUMBER: BP48V60RT-3U
Description
BP48V60RT3U rack/tower external battery pack offers extended battery runtime when used in conjunction
with expandable 48V Tripp Lite rackmount and tower UPS systems. Includes heavy gauge cabling with
high current DC connector for safe, simple installation. Included daisychain connector enables the
connection of additional compatible 48V external battery packs to the host UPS. Included mounting
accessories support 3U rackmount installation in 4 post racks. Options for 2 post center-mounting and
upright tower installation available.
Compatible with these UPS Systems - SM2200RMDVTAA, SM2200RMXL2UP, SM2200RMXL2UTAA,
SM3000RM2UNTAA, SM3000RM2UTAA, SM3000RMXL2UTAA, SM3000RMXLNTAA,
SM5000RT3UTAA, SMART1500CRMXL, SMART2200RMXL2U, SMART2200RMXLN,
SMART2200VSXL, SMART2500XLHG, SMART2600RM2U, SMART3000RM2U, SMART3000RM2UN,
SMART3000RMXL2U, SMART3000RMXLN, SMART3000VS, SMART5000RT-3U,
SMART5000XFMRXL, SMARTINT3000VS, SMX2200XLRT2U, SMX3000XLRT2U, SMX3000XLRT2UA,
SMX5000XLRT3U, SU1500RTXL2UA, SU1500RTXL2UN, SU1500RTXLCD2U, SU1500RTXLCDN,
SU1500XL, SU1500XLCD, SU2200RTXL2UA, SU2200RTXL2UN, SU2200RTXLCD2U,
SU2200RTXLCDN, SU2200XLA, SU2200XLCD, SUINT2000XLCD, SUINT2200LCD2U and other Tripp
Lite UPS systems that specify the use of this battery pack.
Features
Offers extended-run UPS operation when used in conjunction with compatible 48V DC Tripp Lite UPS
systems
q
Includes heavy gauge cabling with high current DC connectors for simple installation
q
Daisychain connector enables the connection of additional compatible 48V external battery packs to the
host UPS
q
Included mounting brackets support rackmount installation in 4 post racks using only 3 rack spaces (3U)
q
2POSTRMKITHD option supports balanced 2 point center-mounting in 2 post equipment racks
q
2-9USTAND option enables upright tower placement
q
Highlights
Extends the runtime of
expandable 48V DC Tripp Lite
UPS Systems
q
Included daisychain connector
supports the addition of multiple
compatible external battery
packs
q
Supports 3U rackmount
installation; 4 post installation
accessories included
q
Options for 2 post rackmount
and tower installation available
q
Package Includes
BP48V60RT-3U external battery
pack with attached DC cabling
q
4 post compatible mounting
hardware
q
Owner's manual
q
1 / 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn