Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BP48V60RT-3U Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part No. BP48V60RT-3U
Description  External 48V 3U Rack/Tower Battery Pack Enclosure DC Cabling for select UPS Systems
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BP48V60RT-3U Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  BP48V60RT-3U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BP48V60RT-3U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BP48V60RT-3U Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
OVERVIEW
UPC Code
037332097309
BATTERY
Expandable Battery Runtime
Blue 175 amp female connector for additional battery packs
DC System Voltage (VDC)
48
UPS Connection
20 inch attached cable with blue 175 amp male DC connector
Typical Battery Lifespan
4-6 years typical (North America)
Expandable Runtime
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
4 post 19 inch rackmount
Installation Form Factors Supported
with Optional Accessories
2 post rackmount (2POSTRMKITHD); Tower (2-9USTAND)
Minimum Required Rack Depth
(inches)
32
Minimum Required Rack Depth (cm)
81.28
Shipping Dimensions (hwd / in.)
11.50 x 23.00 x 33.00
Shipping Dimensions (hwd / cm)
29.21 x 58.42 x 83.82
Shipping Weight (lbs.)
200.62
Shipping Weight (kg)
91.00
Unit Dimensions (hwd / in.)
5.25 x 17.5 x 25
Unit Dimensions (hwd / cm)
13.3 x 44.4 x 63.5
Unit Weight (lbs.)
163.1
Unit Weight (kg)
73.98
Material of Construction
Steel
External Battery Pack Form Factor
Rack/Tower
ENVIRONMENTAL
Operating Temperature
32-104 degrees F / 0-40 degrees C
WARRANTY
Product Warranty Period (U.S. &
Canada)
2-year limited warranty
Product Warranty Period
(International)
1-year limited warranty
2 / 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn