Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFN214B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # IRFN214B
Description  250V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFN214B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRFN214B Datasheet HTML 1Page - Fairchild Semiconductor IRFN214B Datasheet HTML 2Page - Fairchild Semiconductor IRFN214B Datasheet HTML 3Page - Fairchild Semiconductor IRFN214B Datasheet HTML 4Page - Fairchild Semiconductor IRFN214B Datasheet HTML 5Page - Fairchild Semiconductor IRFN214B Datasheet HTML 6Page - Fairchild Semiconductor IRFN214B Datasheet HTML 7Page - Fairchild Semiconductor IRFN214B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A, May 2004
IRFN214B
250V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for electronic lamp ballast.
Features
• 0.6A, 250V, RDS(on) = 2.0Ω @VGS = 10 V
• Low gate charge ( typical 8.1 nC)
• Low Crss ( typical 7.5 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
IRFN214B
Units
VDSS
Drain-Source Voltage
250
V
ID
Drain Current
- Continuous (TA = 25°C)
0.6
A
- Continuous (TA = 70°C)
0.4
A
IDM
Drain Current
- Pulsed
(Note 1)
2.4
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
45
mJ
IAR
Avalanche Current
(Note 1)
0.6
A
EAR
Repetitive Avalanche Energy
(Note 1)
0.18
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.8
V/ns
PD
Power Dissipation (TL = 25°C)
1.8
W
- Derate above 25°C
0.01
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJL
Thermal Resistance, Junction-to-Lead
--
70
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
100
°C/W
G
S
D
TO-92
IRFN Series


Similar Part No. - IRFN214B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN240 IRF-IRFN240 Datasheet
223Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=18A)
IRFN240 IRF-IRFN240 Datasheet
170Kb / 7P
   Simple Drive Requirements
logo
Seme LAB
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
logo
International Rectifier
IRFN240 IRF-IRFN240_15 Datasheet
170Kb / 7P
   Simple Drive Requirements
IRFN250 IRF-IRFN250 Datasheet
217Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.100ohm, Id=27.4A)
More results

Similar Description - IRFN214B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com