Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VUO190 Datasheet(PDF) 1 Page - IXYS Corporation

Part No. VUO190
Description  Three Phase Rectifier Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUO190 Datasheet(HTML) 1 Page - IXYS Corporation

  VUO190 Datasheet HTML 1Page - IXYS Corporation VUO190 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
I
dAV
= 248 A
V
RRM = 800-1800 V
Symbol
Test Conditions
Maximum Ratings
I
dAV
T
C = 100°C, module
248
A
I
dAV
T
A = 35°C
(R
thCA = 0.2 K/W), module
165
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
2800
A
V
R = 0
t = 8.3 ms (60 Hz), sine
3300
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
2500
A
V
R = 0
t = 8.3 ms (60 Hz), sine
2750
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
39 200
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
45 000
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
31 200
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
31 300
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque (M6)
5
± 15 %
Nm
Terminal connection torque (M6)
5
± 15 %
Nm
Weight
typ.
270
g
M6x10
C~
D~
E ~
A+
B-
12
25
66
26
26
72
80
94
Dimensions in mm (1 mm = 0.0394")
Features
q
Package with screw terminals
q
Isolation voltage 3000 V~
q
Planar passivated chips
q
Blocking voltage up to 1800 V
q
Low forward voltage drop
q
UL registered E72873
Applications
q
Supplies for DC power equipment
q
Input rectifiers for PWM inverter
q
Battery DC power supplies
q
Field supply for DC motors
Advantages
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
V
RSM
V
RRM
Type
VV
800
800
VUO 190-08NO7
1200
1200
VUO 190-12NO7
1400
1400
VUO 190-14NO7
1600
1600
VUO 190-16NO7
1800
1800
VUO 190-18NO7*
Data according to IEC 60747 and refer to a single diode unless otherwise stated
IXYS reserves the right to change limits, test conditions and dimensions.
Symbol
Test Conditions
Characteristic Values
I
R
V
R = VRRM;TVJ = 25°C
0.3
mA
V
R = VRRM;TVJ = TVJM
5mA
V
F
I
F
= 300 A;
T
VJ = 25°C
1.43
V
V
T0
For power-loss calculations only
0.8
V
r
T
2.2
m
R
thJC
per diode, 120
°
0.45
K/W
per module
0.075
K/W
R
thJH
per diode, 120
°
0.6
K/W
per module
0.1
K/W
d
S
Creeping distance on surface
10
mm
d
A
Creepage distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s2
VUO 190
Three Phase
Rectifier Bridge
~
~
~
+
-
~
~
~
+
* delivery time on request


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn