Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VUO190 Datasheet(PDF) 2 Page - IXYS Corporation

Part No. VUO190
Description  Three Phase Rectifier Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUO190 Datasheet(HTML) 2 Page - IXYS Corporation

  VUO190 Datasheet HTML 1Page - IXYS Corporation VUO190 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
VUO 190
0.001
0.01
0.1
1
0
500
1000
1500
2000
2500
3000
23
4
5 6 7 8 9
110
104
105
0.0
0.5
1.0
1.5
0
50
100
150
200
250
300
0
40
80
120
160
200
240
0
200
400
600
0
2040
6080 100 120 140
0.001
0.01
0.1
1
10
0.0
0.1
0.2
0.3
0.4
0.5
I
2t
I
FSM
I
F
A
V
F
t
s
t
ms
P
tot
W
I
d(AV)M
A
T
amb
t
s
K/W
A
2s
0
204060 80 100 120 140
0
40
80
120
160
200
240
280
I
d(AV)M
T
C
A
V
A
°C
°C
VUO 190
T
VJ = 45°C
50Hz, 80% V
RRM
V
R = 0 V
Fig. 4 Forward current versus voltage
drop per diode
Fig. 5 Surge overload current
Fig. 6 I2t versus time per diode
Fig. 7 Power dissipation versus direct output current and ambient temperature
Fig. 8 Max. forward current versus
case temperature
Fig. 9 Transient thermal impedance junction to case
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.013
0.0012
2
0.072
0.047
3
0.175
0.326
4
0.19
2.03
R
thHA :
0.1 K/W
0.2 K/W
0.5 K/W
1.0 K/W
1.5 K/W
2.0 K/W
3.0 K/W
T
VJ = 150°C
T
VJ = 45°C
T
VJ=150°C
T
VJ=
25°C
T
VJ = 150°C
Z
thJC


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn