Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1404DCTR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1404DCTR
Description  OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1404DCTR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1404DCTR Datasheet HTML 1Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 2Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 3Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 4Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 5Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 6Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 7Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 8Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN74LVC1404
OSCILLATOR DRIVER
FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SCES469C – AUGUST 2003 – REVISED JULY 2005
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
Y
2.8
15.1
1.6
5.7
1.5
4.6
0.9
4.4
XOUT
1.7
9.6
1
3.2
1.1
2.4
0.9
1.8
tpd
XIN
ns
OSCOUT
2.6
17.2
2
5.6
2
4.1
1.5
3.2
CTRL
XOUT
3
28.2
1.8
14.4
1.5
12.2
1.1
10.2
over recommended operating free-air temperature range, C
L = 30 pF or 50 pF (unless otherwise noted) (see Figure 2)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
Y
3
17.3
1.8
7.4
1.8
6.4
1
5.3
XOUT
1.2
15.8
0.8
5.8
1
5.4
0.6
4.6
tpd
XIN
ns
OSCOUT
3.5
25.7
2.6
7.1
2.8
7.8
2
6.7
CTRL
XOUT
3.3
24.5
2.1
12
1.9
12.7
1.1
11.2
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
25
26
29
39
pF
5


Similar Part No. - SN74LVC1404DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1404DCTR TI-SN74LVC1404DCTR Datasheet
466Kb / 17P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404DCTR TI-SN74LVC1404DCTR Datasheet
565Kb / 18P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404DCTRE4 TI-SN74LVC1404DCTRE4 Datasheet
565Kb / 18P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
More results

Similar Description - SN74LVC1404DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1404 TI-SN74LVC1404_09 Datasheet
565Kb / 18P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404_07 Datasheet
466Kb / 17P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
logo
ATMEL Corporation
8128B ATMEL-8128B Datasheet
147Kb / 5P
   Typical Crystal/Resonator Oscillator
logo
NXP Semiconductors
68HC705C5 NXP-68HC705C5 Datasheet
4Mb / 74P
   On-Chip Oscillator with Crystal/Ceramic Resonator
REV. 1.3
logo
Texas Instruments
SN74LVC1GX04 TI-SN74LVC1GX04 Datasheet
301Kb / 13P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04 TI1-SN74LVC1GX04_06 Datasheet
718Kb / 19P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
SN74LVC1GX04 TI1-SN74LVC1GX04_15 Datasheet
1Mb / 27P
[Old version datasheet]   Crystal Oscillator Driver
SN74LVC1GX04-EP TI1-SN74LVC1GX04-EP Datasheet
442Kb / 15P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
logo
Abracon Corporation
ASVK ABRACON-ASVK Datasheet
186Kb / 2P
   CERAMIC SMD CRYSTAL OSCILLATOR
4.05.07
logo
NXP Semiconductors
CARD_74LVC1GX04 PHILIPS-CARD_74LVC1GX04 Datasheet
97Kb / 2P
   One chip crystal oscillator driver
August 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com