Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM5537-H12 Datasheet(PDF) 3 Page - Rohm

Part # RPM5537-H12
Description  IR Receiver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM5537-H12 Datasheet(HTML) 3 Page - Rohm

  RPM5537-H12 Datasheet HTML 1Page - Rohm RPM5537-H12 Datasheet HTML 2Page - Rohm RPM5537-H12 Datasheet HTML 3Page - Rohm RPM5537-H12 Datasheet HTML 4Page - Rohm RPM5537-H12 Datasheet HTML 5Page - Rohm RPM5537-H12 Datasheet HTML 6Page - Rohm RPM5537-H12 Datasheet HTML 7Page - Rohm RPM5537-H12 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RPM5500 series
Photo Link Module
3/7
(2) Standard transmitter
Fig.2 Measurement of standard transmitter proofreading
Standard transmitter
R
20cm
io=VOUT / R
λ peak=940nm
λ ∆=40nm
RPM-302B
VOUT
When standard transmitter output the signal at Fig.1 standard photodiode output become io=5
µAp-p under the
measurement condition Fig.2.
(The radiant intensity of standard transmitter : 50mW / sr)
RPM-302B : standard photodiode has short current Isc=27
µA at E=1000(lx)
(using CIE standard light source A)
(3) Measurement effective distance, horizontal & vertical half angle
Fig.3 Measurement condition for effective distance
RPM5500 series
Light detector face
illuminance : Ee
Effective distance : L
(
θ ; Indicates horizontal and vertical directions)
θ
θ
Standard transmitter
Effective distance L
: Effective distance at
θ=0° Fig.3
Horizontal & vertical half angle
θ
: The angle which effective distance became 50% of L.


Similar Part No. - RPM5537-H12

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPM5.0-1.0 RECOM-RPM5.0-1.0 Datasheet
1Mb / 8P
   1 Amp Single Output
RPM5.0-1.0-EVM-1 RECOM-RPM5.0-1.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM5.0-2.0 RECOM-RPM5.0-2.0 Datasheet
1Mb / 8P
   2 Amp Single Output
RPM5.0-2.0-EVM-1 RECOM-RPM5.0-2.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM5.0-3.0 RECOM-RPM5.0-3.0 Datasheet
1Mb / 8P
   3 Amp Single Output
More results

Similar Description - RPM5537-H12

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM7138 ROHM-RPM7138 Datasheet
198Kb / 8P
   IR Receiver Module
RPM7236 ROHM-RPM7236 Datasheet
140Kb / 7P
   IR Receiver Module
RPM7157-R ROHM-RPM7157-R Datasheet
156Kb / 8P
   IR Receiver Module
RPM6900 ROHM-RPM6900_08 Datasheet
108Kb / 8P
   IR Receiver Module
RPM7200 ROHM-RPM7200 Datasheet
166Kb / 7P
   IR Receiver Module
RPM7100 ROHM-RPM7100 Datasheet
175Kb / 8P
   IR Receiver Module
RPM7236-R ROHM-RPM7236-R Datasheet
120Kb / 7P
   IR Receiver Module
RPM7138-R ROHM-RPM7138-R Datasheet
120Kb / 8P
   IR Receiver Module
RPM7137 ROHM-RPM7137 Datasheet
213Kb / 8P
   IR Receiver Module
RPM7140-R ROHM-RPM7140-R Datasheet
118Kb / 8P
   IR Receiver Module
RPM7237 ROHM-RPM7237 Datasheet
223Kb / 7P
   IR Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com