Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSC410E6TA Datasheet(PDF) 12 Page - Diodes Incorporated

Part # ZXSC410E6TA
Description  DC-DC BOOST SWITCHING CONTROLLERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC410E6TA Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button ZXSC410E6TA Datasheet HTML 8Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 9Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 10Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 11Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 12Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 13Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 14Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 15Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 6 - 2
12 of 17
www.diodes.com
August 2015
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Application Examples (continued)
Triple Output TFT Bias Generator
ZXSC410 as Triple Output TFT Bias
Sequencing AVDD and VON
By adding the circuit below to the LCD bias output (VON) of
the converter, a 10ms delay can be achieved between AVDD
power up and VON power up. The circuit operates by a delay
in turning the PMOS transistor on, which transfers to a 10ms
delay between input and output of the circuit.
The delay is set by the RC time constant of R1 and C1. The
diode, D1, discharges the gate of the PMOS when the main
system supply is turned off, guaranteeing a delay every turn
on cycle.
System
Voltage
AVDD
C1
0.1µF
R1
470k
LCD Bias
Voltage
VON
Q1
ZXMP3A13F
Sequenced Output
10ms Delay
ZXSC410
Q1 ZXTN
25012EFH
C1
10µF
C5
1µF
C2
47µF
R1
22m
Ω
R2
30k
Ω
R3
1k
Ω
L1
22µH
U1
D1
BAT54
VCC
STDN
GND
VDRIVE
ISENSE
VFB
C7
1µF
C6
1µF
C8
1µF
C4
1µF
VON
27V, 10mA
AVDD
9V, 180mA
VOFF
-9V, 10mA
C3
1µF
VIN
4.2V ~ 3V
BAT54S
BAT54S
BAT54S


Similar Part No. - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC410E6TA ZETEX-ZXSC410E6TA Datasheet
214Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
logo
Diodes Incorporated
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
194Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
More results

Similar Description - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC4X0 DIODES-ZXSC4X0 Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
   Switching Regulator Controllers for DC/DC Converters
logo
Shenzhen Huazhimei Semi...
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
   180KHz 60V 5A switching current boost/buck-boost DC-DC converter
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
   220KHz 60V 5A switching current boost/buck-boost DC-DC converter
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
   Boost/buck-boost DC-DC controller
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
   180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com