Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSC410E6TA Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXSC410E6TA
Description  DC-DC BOOST SWITCHING CONTROLLERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC410E6TA Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXSC410E6TA Datasheet HTML 7Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 8Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 9Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 10Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 11Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 12Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 13Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 14Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 6 - 2
11 of 17
www.diodes.com
August 2015
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Application Examples
ZXSC410 DC-DC Boost Voltage Regulators
VIN = 2.5V to 4.2V, VOUT = 5V; ILOAD = 100mA
0
20
40
60
80
100
100
70
90
80
LOAD CURRENT (mA)
Load Current vs. Efficiency
V
= 3.6V
IN
V
= 4.2V
IN
V
= 3V
IN
2.5
3.0
3.5
4.0
100
70
90
80
INPUT VOLTAGE (V)
Input Voltage vs. Efficiency
I
= 10mA
LOAD
I
= 100mA
LOAD
I
= 60mA
LOAD
Switching Waveform
Output Ripple
ZXSC410
ZXTN25012EFH
ZHCS2000
22µH
100m
Ω
1k
Ω
22µF
22µF
V
IN = 2.5V to 4.2V
R3
16k
Ω
C3
100nF


Similar Part No. - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC410E6TA ZETEX-ZXSC410E6TA Datasheet
214Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
logo
Diodes Incorporated
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
194Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
More results

Similar Description - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC4X0 DIODES-ZXSC4X0 Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
   Switching Regulator Controllers for DC/DC Converters
logo
Shenzhen Huazhimei Semi...
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
   180KHz 60V 5A switching current boost/buck-boost DC-DC converter
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
   220KHz 60V 5A switching current boost/buck-boost DC-DC converter
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
   Boost/buck-boost DC-DC controller
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
   180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com