Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSC410E6TA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXSC410E6TA
Description  DC-DC BOOST SWITCHING CONTROLLERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC410E6TA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXSC410E6TA Datasheet HTML 1Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 2Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 3Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 4Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 5Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 6Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 7Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 8Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 6 - 2
5 of 17
www.diodes.com
August 2015
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Application Information
Functional Blocks
Bandgap Reference
All threshold voltages and internal currents are derived from a temperature compensated bandgap reference circuit with a reference voltage of
1.22V nominal.
Dynamic Drive Output
Depending on the input
signal, the output is either “LOW” or “HIGH”. In the high state a 2.5mA current source, (max drive voltage = VCC -0.4V)
drives the base or gate of the external transistor. In order to operate the external switching transistor at optimum efficiency, both output states
are initiated with a short transient current in order to quickly discharge the base or the gate of the switching transistor.
Switching Circuit
The switching circuit consists of two comparators, Comp1 and Comp2, a gate U1, a monostable and the drive output. Normally the DRIVE output
is “HIGH”; the external switching transistor is turned on. Current ramps up in the inductor, the switching transistor and external current sensing
resistor. This voltage is sensed by comparator, Comp2, at input ISENSE. Once the current sense voltage across the sensing resistor exceeds
20mV, comparator Comp2 through gate U1 triggers a re-
triggerable monostable and turns off the output drive stage for 2μs. The inductor
discharges to the load of the application. After 2μs a new charge cycle begins, thus ramping the output voltage. When the output voltage reaches
the nominal value and V
FB gets an input voltage of more than 300mV, the monostable is forced “on” from Comp1 through gate U1, until the
feedback voltage falls below 300mV. The above action continues to maintain regulation.
EOR, End of Regulation Detector (ZXSC420/440)
The EOR c
ircuit is a retriggerable 120μs monostable, which is re-triggered by every down regulating action of comparator Comp1. As long as
regulation takes place, output EOR is “HIGH” (high impedance, 100K to VCC). Short dips of the output voltage of less than 120μs are ignored. If
the output voltage falls below the nominal value for more than 120μs, output EOR goes ”LOW”. The reason for this to happen is usually a slowly
progressing drop of input voltage from the discharging battery. Therefore, the output voltage will also start to drop slowly. With the EOR detector,
batteries can be used to the ultimate end of discharge, with enough time left for a safe shutdown. It can also be used in high-voltage photoflash
with the ZXSC440 to show when the capacitor is fully charged.
Shutdown Control
The ZXSC410/440 offers a shutdown mode that consumes a standby current of less than 5µA. The ZXSC410/440 is enabled, and is in normal
operation, when the voltage at the STDN pin is between 1V and 8V (and also open circuit). The ZXSC410/440 is shutdown with the driver
disabled when the voltage at the STDN pin is 0.7V or lower. The STDN input is a high impedance current source of 1µA typ. The driving device
can be an open-collector or -
drain or a logic output with a “High” voltage of 5V max. The device shutdown current depends on the supply voltage,
(see typical characteristics graph).The ZXSC440 with its STDN pin and EOR pins can be used as a camera flash driver.
The STDN pin is used to initiate the high-voltage capacitor charge cycle. The EOR pin is used as flag to show when the capacitor has been
charged to the appropriate level.
A transformer is used to boost the voltage. If designing a transformer, bear in mind that the primary current may be over an amp and, if this flows
through 10 turns, the primary flux will be 10 Amp. Small number of turns and small cores will need an air gap to cope with this value without
saturation. Secondary winding capacitance should not be too high as this is working at 300V and could soon cause excessive losses.


Similar Part No. - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC410E6TA ZETEX-ZXSC410E6TA Datasheet
214Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
logo
Diodes Incorporated
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
194Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
More results

Similar Description - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC4X0 DIODES-ZXSC4X0 Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
   Switching Regulator Controllers for DC/DC Converters
logo
Shenzhen Huazhimei Semi...
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
   180KHz 60V 5A switching current boost/buck-boost DC-DC converter
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
   220KHz 60V 5A switching current boost/buck-boost DC-DC converter
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
   Boost/buck-boost DC-DC controller
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
   180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com