Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2413 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2413
Description  1-Wire Dual Channel Addressable Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2413 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2413 Datasheet HTML 1Page - Maxim Integrated Products DS2413 Datasheet HTML 2Page - Maxim Integrated Products DS2413 Datasheet HTML 3Page - Maxim Integrated Products DS2413 Datasheet HTML 4Page - Maxim Integrated Products DS2413 Datasheet HTML 5Page - Maxim Integrated Products DS2413 Datasheet HTML 6Page - Maxim Integrated Products DS2413 Datasheet HTML 7Page - Maxim Integrated Products DS2413 Datasheet HTML 8Page - Maxim Integrated Products DS2413 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1 of 17
REV: 051805
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
01
GENERAL DESCRIPTION
The DS2413 is a dual-channel programmable I/O 1-
Wire
® chip. The PIO outputs are configured as open-
drain and provide up to 20mA continuous sink
capability and off-state operating voltage up to 28V.
Control and sensing of the PIO pins is performed with
a dedicated device-level command protocol. To
provide a high level of fault tolerance in the end
application, the 1-Wire IO and PIO pins are all
capable of withstanding continuous application of
voltages up to 28V max. Communication and
operation of the DS2413 is performed with the single
contact Maxim/Dallas 1-Wire serial interface.
APPLICATIONS
§
LED Control
§
Accessory Identification and Control
§
General Purpose Input/Output
§
Key-Pick Systems
§
Industrial Controllers
§
System Monitoring
TYPICAL OPERATING CIRCUIT
PX.Y
µC
RPUP
VCC
Local
Power
R1
LED
Switch
R2
PIOA
IO
PIOB
GND
DS2413
FEATURES
§
Open-Drain Programmable I/O Pins
§
PIO Pins Support 20mA max Continuous Current
Sink
§
Supports 28V (max) PIO Pin Operating Voltage
§
On-Resistance of PIO Pulldown Transistor 20
W
max; OFF Resistance 1M
W min
§
Parasitic Power Supply Through 1-Wire
§
Communicates to Host with a Single Digital
Signal at 14.9kb or 100kbps Using 1-Wire
Protocol
§
Unique 64-bit ROM Serial Number Factory
Lasered Into Each Device
§
Switchpoint Hysteresis and Filtering to Optimize
Performance in the Presence of Noise
§
1-Wire IO Pin Supports 28V Absolute Maximum
DC Level for Fault Conditions
§
Operates Over a Wide 1-Wire Voltage Range of
2.8V to 5.25V from 0°C to +70°C
§
High ESD Immunity of 1-Wire IO Pin: 8kV HBM
Typical
§
TSOC package
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS2413P
0°C to +70°C
TSOC
DS2413P/T&R
0°C to +70°C
TSOC Tape &Reel
PIN CONFIGURATION
TSOC
6
5
4
1
2
3
DS2413
1-Wire Dual Channel
Addressable Switch
www.maxim-ic.com
Commands, Registers, and Modes are capitalized for
clarity.
1-Wire is a registered trademark of Dallas Semiconductor Corp.
TOP VIEW


Similar Part No. - DS2413

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413 Datasheet
148Kb / 18P
   1-Wire Dual Channel Addressable Switch
REV: 110408
DS2413 MAXIM-DS2413 Datasheet
1Mb / 9P
   Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
logo
Analog Devices
DS2413 AD-DS2413 Datasheet
499Kb / 19P
   1-Wire Dual-Channel Addressable Switch
2022 5/22
DS2413P AD-DS2413P Datasheet
499Kb / 19P
   1-Wire Dual-Channel Addressable Switch
2022 5/22
logo
Maxim Integrated Produc...
DS2413P++ MAXIM-DS2413P+ Datasheet
248Kb / 18P
   1-Wire Dual Channel Addressable Switch
REV: 112007
More results

Similar Description - DS2413

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413_08 Datasheet
148Kb / 18P
   1-Wire Dual Channel Addressable Switch
REV: 110408
logo
Analog Devices
DS2413 AD-DS2413 Datasheet
499Kb / 19P
   1-Wire Dual-Channel Addressable Switch
2022 5/22
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413_1 Datasheet
248Kb / 18P
   1-Wire Dual Channel Addressable Switch
REV: 112007
DS2408 MAXIM-DS2408_10 Datasheet
607Kb / 39P
   1-Wire 8-Channel Addressable Switch
12/10
DS2408 MAXIM-DS2408_V01 Datasheet
640Kb / 39P
   1-Wire 8-Channel Addressable Switch
195702 ; 3 /15
DS2408 MAXIM-DS2408 Datasheet
1Mb / 36P
   1-Wire 8-Channel Addressable Switch
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
   Addressable Switch
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
   Addressable Switch
logo
Maxim Integrated Produc...
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
   Dual Addressable Switch Plus 1Kb Memory
033109
DS2405 MAXIM-DS2405 Datasheet
434Kb / 15P
   Addressable Switch
071107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com