Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 13 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
Copyright © 2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: CC3135
13
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Table 4-1. Pin Description and Attributes (continued)
PIN
DEFAULT FUNCTION
DIGITAL I/O
STATE AT
RESET AND
HIBERNATE
I/O TYPE(1)
DESCRIPTION
PAD_
CONFIG
HOSTLESS
MODE
BLE COEX
CC_COEX_
OUT
CC_COEX_
IN
48
VDD_ANA1
-
N/A
N/A
N/A
Hi-Z
Power
Analog1 power supply input
49
VDD_RAM
-
N/A
N/A
N/A
Hi-Z
Power
Power supply for the internal RAM
50
UART1_nRTS
0
-
-
-
Hi-Z
O
UART host interface (active low)
51
RTC_XTAL_P
-
N/A
N/A
N/A
Hi-Z
Analog
32.768-kHz XTAL_P or external CMOS level clock
input
52
RTC_XTAL_N
32
Y
Y
Y
Hi-Z
Analog
32.768-kHz XTAL_N or 100-kΩ external pullup for
external clock
53
DIO30
30
Y
Y
Y
Hi-Z
Network Scripter I/O
54
VIN_IO2
N/A
N/A
N/A
Hi-Z
Power
I/O power supply. Same as battery voltage.
55
UART1_TX
1
-
-
-
Hi-Z
O
UART host interface. Connect to test point on
prototype for Flash programming.
56
VDD_DIG2
-
N/A
Hi-Z
Power
Digital power supply (1.2 V)
57
UART1_RX
2
-
-
-
Hi-Z
I
UART host interface; connect to test point on
prototype for Flash programming.
58
TEST_58
3
Y
Y
Y
Hi-Z
O
Test signal; connect to an external test point.
59
TEST_60
4
Y
Y
Y
Hi-Z
O
Test signal; connect to an external test point.
60
TEST_60
5
Y
Y
Y
Hi-Z
O
Test signal; connect to an external test point.
61
UART1_nCTS
6
-
-
-
Hi-Z
I
UART host interface (active low)
62
TEST_62
7
-
-
-
Hi-Z
O
Test signal; connect to an external test point.
63
DIO8
8
Y
Y
Y
Hi-Z
Digital input or output
64
DIO9
9
Y
Y
Y
Hi-Z
Digital input or output
65
GND
-
N/A
N/A
N/A
Power
Ground tab used as thermal and electrical ground


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn