Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 8Page - Texas Instruments CC3135 Datasheet HTML 9Page - Texas Instruments CC3135 Datasheet HTML 10Page - Texas Instruments CC3135 Datasheet HTML 11Page - Texas Instruments CC3135 Datasheet HTML 12Page - Texas Instruments CC3135 Datasheet HTML 13Page - Texas Instruments CC3135 Datasheet HTML 14Page - Texas Instruments CC3135 Datasheet HTML 15Page - Texas Instruments CC3135 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
Copyright © 2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: CC3135
12
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Table 4-1. Pin Description and Attributes (continued)
PIN
DEFAULT FUNCTION
DIGITAL I/O
STATE AT
RESET AND
HIBERNATE
I/O TYPE(1)
DESCRIPTION
PAD_
CONFIG
HOSTLESS
MODE
BLE COEX
CC_COEX_
OUT
CC_COEX_
IN
23
WLAN_XTAL_P
-
N/A
N/A
N/A
Hi-Z
Analog
Connect the WLAN 40-MHz crystal here.
24
VDD_PLL
-
N/A
N/A
N/A
Hi-Z
Power
Internal PLL power supply (1.4 V nominal)
25
LDO_IN2
-
N/A
N/A
N/A
Hi-Z
Power
Input to internal LDO
26
NC
-
N/A
N/A
N/A
No Connect
27
A_RX
-
N/A
N/A
N/A
RF
5 GHz RF RX
28
A_TX
-
N/A
N/A
N/A
RF
5 GHz RF TX
29
GND
-
N/A
N/A
N/A
Power
GND
30
GND
-
N/A
N/A
N/A
Power
GND
31
RF_BG
-
N/A
N/A
N/A
Hi-Z
RF
2.4 GHz RF TX, RX
32
nRESET
-
N/A
N/A
N/A
Hi-Z
I
RESET input for the device. Active low input. Use
RC circuit (100 kΩ || 0.01 µF) for power on reset
(POR).
33
VDD_PA_IN
-
N/A
N/A
N/A
Hi-Z
Power
Power supply for the RF power amplifier (PA)
34
SOP1
-
N/A
N/A
N/A
Hi-Z
SOP[2:0] used for factory restore. Add 100-kΩ
pulldown to ground. See Section 6.7. SOP1 used for
5 GHz switch control
35
SOP0
-
N/A
N/A
N/A
Hi-Z
SOP[2:0] used for factory restore. Add 100-kΩ
pulldown to ground. See Section 6.7. SOP0 used for
5GHz switch control
36
LDO_IN1
-
N/A
N/A
N/A
Hi-Z
Power
Input to internal LDO
37
VIN_DCDC_ANA
-
N/A
N/A
N/A
Hi-Z
Power
Power supply for the DC/DC converter for analog
section
38
DCDC_ANA_SW
-
N/A
N/A
N/A
Hi-Z
Power
Analog DC/DC converter switch output
39
VIN_DCDC_PA
-
N/A
N/A
N/A
Hi-Z
Power
PA DC/DC converter input supply
40
DCDC_PA_SW_P
-
N/A
N/A
N/A
Hi-Z
Power
PA DC/DC converter switch output +ve
41
DCDC_PA_SW_N
-
N/A
N/A
N/A
Hi-Z
Power
PA DC/DC converter switch output –ve
42
DCDC_PA_OUT
-
N/A
N/A
N/A
Hi-Z
Power
PA DC/DC converter output. Connect the output
capacitor for DC/DC here.
43
DCDC_DIG_SW
-
N/A
N/A
N/A
Hi-Z
Power
Digital DC/DC converter switch output
44
VIN_DCDC_DIG
-
N/A
N/A
N/A
Hi-Z
Power
Power supply input for the digital DC/DC converter
45
DIO31
31
Y
Y
Y
Hi-Z
Network Scripter I/O
46
DCDC_ANA2_SW_N
-
N/A
N/A
N/A
Hi-Z
Power
Analog2 DC/DC converter switch output –ve
47
VDD_ANA2
-
N/A
N/A
N/A
Hi-Z
Power
Analog2 power supply input


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn