Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 11 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
Copyright © 2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: CC3135
11
CC3135
www.ti.com
SWAS037 – JANUARY 2019
(1)
I = input
O = output
RF = radio frequency
I/O = bidirectional
(2)
This pin has dual functions: as a SOP[2] (device operation mode), and as an external TCXO enable. As a TXCO enable, the pin is an output on power up and driven logic high. During
hibernate low-power mode, the pin is in a Hi-Z state but is pulled down for SOP mode to disable TCXO. Because of the SOP functionality, the pin must be used as an output only.
(3)
Output Only
Table 4-1. Pin Description and Attributes
PIN
DEFAULT FUNCTION
DIGITAL I/O
STATE AT
RESET AND
HIBERNATE
I/O TYPE(1)
DESCRIPTION
PAD_
CONFIG
HOSTLESS
MODE
BLE COEX
CC_COEX_
OUT
CC_COEX_
IN
1
DIO10
10
Y
Y
Y
I/O
Digital input or output
2
nHIB
11
-
-
-
Hi-Z
I
Hibernate signal input to the NWP subsystem
(active low). This is connected to the MCU GPIO. If
the GPIO from the MCU can float while the MCU
enters low power, consider adding a pullup resistor
on the board to avoid floating.
3
DIO12
12
Y
Y
Y
O
Digital input or output
4
DIO13
13
Y
Y
Y
Digital input or output
5
HOST_SPI_CLK
14
-
-
-
Hi-Z
I
Host interface SPI clock
6
HOST_SPI_MOSI
15
-
-
-
Hi-Z
I
Host interface SPI data input
7
HOST_SPI_MISO
16
-
-
-
Hi-Z
O
Host interface SPI data output
8
HOST_SPI_nCS
17
-
-
-
Hi-Z
I
Host interface SPI chip select (active low)
9
VDD_DIG1
-
N/A
N/A
N/A
Hi-Z
Power
Digital core supply (1.2 V)
10
VIN_IO1
-
N/A
N/A
N/A
Hi-Z
Power
I/O supply
11
FLASH_SPI_CLK
-
N/A
N/A
N/A
Hi-Z
O
Serial Flash interface: SPI clock
12
FLASH_SPI_MOSI
-
N/A
N/A
N/A
Hi-Z
O
Serial Flash interface: SPI data out
13
FLASH _SPI_MISO
-
N/A
N/A
N/A
Hi-Z
I
Serial Flash interface: SPI data in (active high)
14
FLASH _SPI_CS
-
N/A
N/A
N/A
Hi-Z
O
Serial Flash interface: SPI chip select (active low)
15
HOST_INTR
22
-
-
-
Hi-Z
O
Interrupt output (active high)
16
DIO23
23
Y
Y
Y
Hi-Z
Digital input or output
17
DIO24
24
Y
Y
Y
Hi-Z
Digital input or output
18
DIO28
40
Y
Y
Y
Digital input or output
19
Reserved
28
-
-
-
Hi-Z
Connect a 100-kΩ pulldown resistor to ground.
20
DIO29
29
Y
Y
Y
Hi-Z
Digital input or output
21
SOP2/TCXO_EN(2)
25
Y(3)
Y
-
Hi-Z
O
Controls restore to default mode. Enable signal for
external TCXO. Add a 10-kΩ pulldown resistor to
ground.
22
WLAN_XTAL_N
-
N/A
N/A
N/A
Hi-Z
Analog
Connect the WLAN 40-MHz crystal here.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn