Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 6Page - Texas Instruments CC3135 Datasheet HTML 7Page - Texas Instruments CC3135 Datasheet HTML 8Page - Texas Instruments CC3135 Datasheet HTML 9Page - Texas Instruments CC3135 Datasheet HTML 10Page - Texas Instruments CC3135 Datasheet HTML 11Page - Texas Instruments CC3135 Datasheet HTML 12Page - Texas Instruments CC3135 Datasheet HTML 13Page - Texas Instruments CC3135 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
10
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Terminal Configuration and Functions
Copyright © 2019, Texas Instruments Incorporated
4.2
Pin Attributes
Table 4-1 describes the CC3135 pins.
NOTE
Digital IOs on the CC3135 device refer to hostless mode, BLE/2.4 GHz coexistence, and
antenna select IOs, not general-purpose IOs.
If an external device drives a positive voltage to signal pads when the CC3135 device is not
powered, DC current is drawn from the other device. If the drive strength of the external
device is adequate, an unintentional wakeup and boot of the CC3135 device can occur. To
prevent current draw, TI recommends one of the following:
All devices interfaced to the CC3135 device must be powered from the same power rail
as the CC3135 device.
Use level shifters between the CC3135 device and any external devices fed from other
independent rails.
The nRESET pin of the CC3135 device must be held low until the VBAT supply to the
device is driven and stable.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn