Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 1 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CC3135
SWAS037 – JANUARY 2019
CC3135 SimpleLink™ Wi-Fi®, Dual-Band Network Processor,
solution for MCU applications
1
Device Overview
1
1.1
Features
1
• Integrated Dual-Band Wi-Fi® and internet protocols
• 802.11 a/b/g/n: 2.4 GHz and 5 GHz
• FIPS 140-2 Level 1 Certification
• Rich set of IoT security features helps developers
protect data
• Low-Power Modes for battery powered application
• Coexistence with 2.4 GHz Radios
• Industrial temperature: –40°C to +85°C
• Transferable Wi-Fi Alliance® Certification
• Wi-Fi network processor subsystem:
– Wi-Fi core:
– 802.11 a/b/g/n 2.4 GHz and 5 GHz
– Modes:
Access Point (AP)
Station (STA)
Wi-Fi Direct® (only supported on 2.4 GHz)
– Security:
WEP
WPA™/ WPA2™ PSK
WPA2 Enterprise
– Internet and application protocols:
– HTTPs server, mDNS, DNS-SD, DHCP
– IPv4 and IPv6 TCP/IP stack
– 16 BSD sockets (fully secured TLS v1.2 and
SSL 3.0)
– Built-in power management subsystem:
– Configurable low-power profiles (always,
intermittent, tag)
– Advanced low-power modes
– Integrated DC/DC regulators
• Multilayered security features:
– Separate execution environments
– Networking security
– Device identity and key
– Hardware accelerator cryptographic engines
(AES, DES, SHA/MD5, CRC)
– Application-level security (encryption,
authentication, access control)
– Initial secure programming
– Software tamper detection
– Secure boot
– Certificate signing request (CSR)
– Unique per device key pair
• Application throughput:
– UDP: 16 Mbps, TCP: 13 Mbps
– Peak: 72 Mbps
• Power-Management Subsystem:
– Integrated DC/DC converters support a wide
range of supply voltage:
– VBAT wide-voltage mode: 2.1 V to 3.6 V
– VIO is always tied with VBAT
– Advanced low-power modes:
– Shutdown: 1 µA, hibernate: 4 µA
– Low-power deep sleep (LPDS): 120 µA
– Idle connected (MCU in LPDS): 710 µA
– RX traffic (MCU active): 53 mA
– TX traffic (MCU active): 223 mA
• Wi-Fi TX power:
– 2.4 GHz: 18.0 dBm at 1 DSSS
– 5 GHz: 18.1 dBm at 6 OFDM
• Wi-Fi RX sensitivity:
– 2.4 GHz: –96 dBm at 1 DSSS
– 5 GHz: –92 dBm at 6 OFDM
• Clock source:
– 40.0-MHz crystal with internal oscillator
– 32.768-kHz crystal or external RTC
• RGK package
– 64-Pin, 9-mm × 9-mm very thin quad flat
nonleaded (VQFN) package, 0.5-mm pitch
• Device supports SimpleLink™ MCU Platform
Developer's Ecosystem


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn