Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 4Page - Texas Instruments CC3135 Datasheet HTML 5Page - Texas Instruments CC3135 Datasheet HTML 6Page - Texas Instruments CC3135 Datasheet HTML 7Page - Texas Instruments CC3135 Datasheet HTML 8Page - Texas Instruments CC3135 Datasheet HTML 9Page - Texas Instruments CC3135 Datasheet HTML 10Page - Texas Instruments CC3135 Datasheet HTML 11Page - Texas Instruments CC3135 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
8
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Device Comparison
Copyright © 2019, Texas Instruments Incorporated
3.1
Related Products
For information about other devices in this family of products or related products see the links below.
The SimpleLink™ MCU Portfolio This portfolio offers a single development environment that delivers
flexible hardware, software, and tool options for customers developing wired and wireless
applications. With 100 percent code reuse across host MCUs, Wi-Fi®, Bluetooth® low
energy, Sub-1 GHz devices and more, choose the MCU or connectivity standard that fits
your design. A one-time investment with the SimpleLink™ software development kit (SDK)
allows you to reuse often, opening the door to create unlimited applications.
SimpleLink™ Wi-Fi® Family This device platform offers several Internet-on-a chip™ solutions, which
address the need of battery-operated, security-enabled products. Texas Instruments offers a
single-chip wireless microcontroller and a wireless network processor that can be paired with
any MCU, allowing developers to design new Wi-Fi® products or upgrade existing products
with Wi-Fi® capabilities.
MSP432™ Host MCU features the Arm® Cortex®-M4 processor offering ample processing capability with
floating point unit and memory footprint for advanced processing algorithm, communication
protocols as well as application needs, while incorporating a 14-bit 1-msps ADC14 that
provides a flexible and low-power analog with best-in-class performance to enable
developers to add differentiated sensing and measurement capabilities to their Wi-Fi
applications. For more information, visit www.ti.com/product/MSP432P401R.
Reference Designs for CC3135 Device TI Designs Reference Design Library is a robust reference
design library spanning analog, embedded processor and connectivity. Created by TI experts
to help you jump start your system design, all TI Designs include schematic or block
diagrams, BOMs and design files to speed your time to market. Search and download
designs at ti.com/tidesigns.
The SimpleLink™ Wi-Fi® SDK Plug-in The SDK contains drivers, sample applications for Wi-Fi features
and Internet, and documentation required to use the CC3135 solution.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn