Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 70 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 66Page - Texas Instruments CC3135 Datasheet HTML 67Page - Texas Instruments CC3135 Datasheet HTML 68Page - Texas Instruments CC3135 Datasheet HTML 69Page - Texas Instruments CC3135 Datasheet HTML 70Page - Texas Instruments CC3135 Datasheet HTML 71Page - Texas Instruments CC3135 Datasheet HTML 72Page - Texas Instruments CC3135 Datasheet HTML 73Page - Texas Instruments CC3135 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
70
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Device and Documentation Support
Copyright © 2019, Texas Instruments Incorporated
User's Guides
SimpleLink™ Wi-Fi® and Internet-of-Things CC31xx and CC32xx Network Processor This document
provides software (SW) programmers with all of the required knowledge for working with the
networking subsystem of the SimpleLink Wi-Fi devices. This guide provides basic guidelines
for writing robust, optimized networking host applications, and describes the capabilities of
the networking subsystem. The guide contains some example code snapshots, to give users
an idea of how to work with the host driver. More comprehensive code examples can be
found in the formal software development kit (SDK). This guide does not provide a detailed
description of the host driver APIs.
SimpleLink™ Wi-Fi® CC3135 and CC3235 and IoT Solution Layout Guidelines
This
document
provides the design guidelines of the 4-layer PCB used for the CC3135 and CC3235
SimpleLink Wi-Fi family of devices from Texas Instruments. The CC3135 and CC3235
devices are easy to lay out and are available in quad flat no-leads (QFNS) packages. When
designing the board, follow the suggestions in this document to optimize performance of the
board.
SimpleLink™ Wi-Fi® CC3135 BoosterPack™ Development Kit (BOOSTXL-CC3135)
The SimpleLink
Wi-Fi CC3135 wireless network processor from Texas Instruments™ provides users the
flexibility to add Wi-Fi to any MCU. This user's guide explains the various configurations of
the CC3135 BoosterPack™ Plug-In Module.
SimpleLink™ Wi-Fi® and Internet-on-a chip™ CC3135 and CC3235 Solution Radio Tool
The Radio
Tool serves as a control panel for direct access to the radio, and can be used for both the
radio frequency (RF) evaluation and for certification purposes. This guide describes how to
have the tool work seamlessly on Texas Instruments evaluation platforms such as the
BoosterPack plus FTDI emulation board for CC3235 devices, and the LaunchPad for
CC3235 devices.
SimpleLink™ Wi-Fi® CC3135 and CC3235 Provisioning for Mobile Applications This guide describes
TI’s SimpleLink Wi-Fi provisioning solution for mobile applications, specifically on the usage
of the Android™ and IOS® building blocks for UI requirements, networking, and provisioning
APIs required for building the mobile application.
More Literature
CC3x35 SimpleLink™ Wi-Fi® Hardware Design Checklist
CC3135 SimpleLink™ WI-Fi® BoosterPack™ Design Files
8.6
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E™ Online Community The TI engineer-to-engineer (E2E) community was created to foster
collaboration among engineers. At e2e.ti.com, you can ask questions, share knowledge,
explore ideas and help solve problems with fellow engineers.
TI Embedded Processors Wiki Established to help developers get started with Embedded Processors
from Texas Instruments and to foster innovation and growth of general knowledge about the
hardware and software surrounding these devices.
8.7
Trademarks
Texas Instruments, SimpleLink, Internet-on-a chip, SmartConfig, LaunchPad, Code Composer Studio,
BoosterPack, Sitara, E2E are trademarks of Texas Instruments.
Arm, Cortex are registered trademarks of Arm Limited.
IOS is a registered trademark of Cisco.
Android is a trademark of Google LLC.
Windows is a registered trademark of Microsoft Inc.
WPA, WPA2 are trademarks of Wi-Fi Alliance.
Wi-Fi, Wi-Fi Alliance, Wi-Fi Direct are registered trademarks of Wi-Fi Alliance.
All other trademarks are the property of their respective owners.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn