Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
7
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Device Comparison
Copyright © 2019, Texas Instruments Incorporated
(1)
For exact status of FIPS certification for a specific part number, please refer to https://csrc.nist.gov/publications/fips.
3
Device Comparison
Table 3-1 lists the features supported across different CC3x35 devices.
Table 3-1. Comparison of Device Features
FEATURE
DEVICE
CC3135
CC3235S
CC3235SF
Classification
Network processor
Wireless microcontroller
Wireless microcontroller
Standard
802.11a/b/g/n
802.11a/b/g/n
802.11a/b/g/n
TCP/IP stack
IPv4, IPv6
IPv4, IPv6
IPv4, IPv6
Sockets
16
16
16
Package
9-mm × 9-mm VQFN
9-mm × 9-mm VQFN
9-mm × 9-mm VQFN
ON-CHIP APPLICATION MEMORY
Flash
1MB
RAM
256KB
256KB
RF FEATURES
Frequency
2.4 GHz, 5 GHz
2.4 GHz, 5 GHz
2.4 GHz, 5 GHz
Coexistence with BLE Radio
Yes
Yes
Yes
SECURITY FEATURES
Additional networking security
Unique device identity
Trusted root-certificate catalog
TI Root-of-trust public key
Online certificate status protocol
(OCSP)
Certificate signing request (CSR)
Unique per-device key pair
Unique device identity
Trusted root-certificate catalog
TI Root-of-trust public key
Online certificate status protocol
(OCSP)
Certificate signing request (CSR)
Unique per-device key pair
Unique device identity
Trusted root-certificate catalog
TI Root-of-trust public key
Online certificate status protocol
(OCSP)
Certificate signing request (CSR)
Unique per-device key pair
Hardware acceleration
Hardware crypto engines
Hardware crypto engines
Hardware crypto engines
Secure boot
Yes
Yes
Enhanced application level security
File system security
Secure key storage
Software tamper detection
Cloning protection
Initial secure programming
File system security
Secure key storage
Software tamper detection
Cloning protection
Initial secure programming
FIPS 140-2 Level 1 Certification(1)
Yes
Yes
Yes


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn