Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 69 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 65Page - Texas Instruments CC3135 Datasheet HTML 66Page - Texas Instruments CC3135 Datasheet HTML 67Page - Texas Instruments CC3135 Datasheet HTML 68Page - Texas Instruments CC3135 Datasheet HTML 69Page - Texas Instruments CC3135 Datasheet HTML 70Page - Texas Instruments CC3135 Datasheet HTML 71Page - Texas Instruments CC3135 Datasheet HTML 72Page - Texas Instruments CC3135 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
69
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Device and Documentation Support
Copyright © 2019, Texas Instruments Incorporated
8.5
Documentation Support
To receive notification of documentation updates—including silicon errata—go to the product folder for
your device on ti.com (CC3135). In the upper right corner, click the "Alert me" button. This registers you to
receive a weekly digest of product information that has changed (if any). For change details, check the
revision history of any revised document. The current documentation that describes the processor, related
peripherals, and other technical collateral follows.
The following documents provide support for the CC3135 device.
Application Reports
CC3135 and CC3235 SimpleLink™ Wi-Fi® Embedded Programming User Guide
CC3135
and
CC3235 SimpleLink Wi-Fi Embedded Programming User Guide
SimpleLink™ CC3135, CC3235 Wi-Fi® Internet-on-a chip™ Networking Sub-System Power
Management
This application report describes the best practices for power management and extended
battery life for embedded low-power Wi-Fi devices such as the SimpleLink Wi-Fi Internet-on-
a chip solution from Texas Instruments.
SimpleLink™ CC31xx, CC32xx Wi-Fi® Internet-on-a chip™ Solution Built-In Security Features
The
SimpleLink Wi-Fi CC31xx and CC32xx Internet-on-a chip family of devices from Texas
Instruments offer a wide range of built-in security features to help developers address a
variety of security needs, which is achieved without any processing burden on the main
microcontroller (MCU). This document describes these security-related features and provides
recommendations for leveraging each in the context of practical system implementation.
SimpleLink™ CC3135, CC3235 Wi-Fi® and Internet-of-Things Over-the-Air Update
This
document
describes the OTA library for the SimpleLink Wi-Fi CC3x35 family of devices from Texas
Instruments and explains how to prepare a new cloud-ready update to be downloaded by the
OTA library.
SimpleLink™ CC3135, CC3235 Wi-Fi® Internet-on-a chip™ Solution Device Provisioning This guide
describes the provisioning process, which provides the SimpleLink Wi-Fi device with the
information (network name, password, and so forth) needed to connect to a wireless
network.
Transfer of TI's Wi-Fi® Alliance Certifications to Products Based on SimpleLink™
This
document
explains how to employ the Wi-Fi® Alliance (WFA) derivative certification transfer policy to
transfer a WFA certification, already obtained by Texas Instruments, to a system you have
developed.
Using Serial Flash on SimpleLink™ CC3135 and CC3235 Wi-Fi® and Internet-of-Things Devices
This application note is divided into two parts. The first part provides important guidelines
and best- practice design techniques to consider when choosing and embedding a serial
Flash paired with the CC3135 and CC3235 (CC3x35) devices. The second part describes
the file system, along with guidelines and considerations for system designers working with
the CC3x35 devices.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn