Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 68 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 64Page - Texas Instruments CC3135 Datasheet HTML 65Page - Texas Instruments CC3135 Datasheet HTML 66Page - Texas Instruments CC3135 Datasheet HTML 67Page - Texas Instruments CC3135 Datasheet HTML 68Page - Texas Instruments CC3135 Datasheet HTML 69Page - Texas Instruments CC3135 Datasheet HTML 70Page - Texas Instruments CC3135 Datasheet HTML 71Page - Texas Instruments CC3135 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
PREFIX
X = Preproduction device
Null = Production device
DEVICE FAMILY
CC = Wireless Connectivity
SERIES NUMBER
3 = Wi-Fi Centric
MEMORY SIZE
NM = No Memory
PACKAGE
RGK = 9 mm × 9 mm VQFN
PACKAGING
R = Large Reel
R = Default
DEVICE VARIANTS
X
CC
3
1
3
5
R
xx
xxx
x
MCU / HOST
1 = No MCU
2 = MCU
DEVICE GENERATION
0 = Gen 1
2 = Gen 2
3 = Gen 3
0 = 2.4 GHz only
5 = 2.4 GHz and 5 GHz supported
FREQUENCY BAND
68
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Device and Documentation Support
Copyright © 2019, Texas Instruments Incorporated
SimpleLink™ Wi-Fi® Radio Testing Tool
The supported devices are: CC3100, CC3200, CC3120R,
CC3220, CC3135 and CC3235x.
The SimpleLink™ Wi-Fi® Radio Testing Tool is a Windows-based software tool for RF
evaluation and testing of SimpleLink™ Wi-Fi® CC3x20 and CC3x35 designs during
development and certification. The tool enables low-level radio testing capabilities by
manually setting the radio into transmit or receive modes. Using the tool requires familiarity
and knowledge of radio circuit theory and radio test methods.
Created for the internet-of-things (IoT), the SimpleLink™ Wi-Fi® CC31xx and CC32xx family
of devices include on-chip Wi-Fi®, Internet, and robust security protocols with no prior Wi-Fi®
experience needed for faster development. For more information on these devices, visit
SimpleLink™ Wi-Fi® family, Internet-on-a chip™ solutions.
UniFlash Standalone Flash Tool for TI Microcontrollers (MCU), Sitara™ Processors and
SimpleLink™ Devices CCS UniFlash is a standalone tool used to program on-chip flash
memory on TI MCUs and on-board flash memory for Sitara™ processors. UniFlash has a
GUI, command line, and scripting interface. CCS UniFlash is available free of charge.
TI Designs and Reference Designs
The TI Designs Reference Design Library is a robust reference design library spanning analog, embedded
processor, and connectivity. Created by TI experts to help you jumpstart your system design, all TI
Designs include schematic or block diagrams, BOMs, and design files to speed your time to market.
8.3
Firmware Updates
TI updates features in the service pack for this module with no published schedule. Due to the ongoing
changes, TI recommends that the user has the latest service pack in their module for production.
To stay informed, click the SDK “Alert me” button the top right corner of the product page, or visit
SimpleLink™ Wi-Fi® SDK plugin.
8.4
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of the
CC3135 device and support tools (see Figure 8-1).
Figure 8-1. CC3135 Device Nomenclature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn