Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 67 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 63Page - Texas Instruments CC3135 Datasheet HTML 64Page - Texas Instruments CC3135 Datasheet HTML 65Page - Texas Instruments CC3135 Datasheet HTML 66Page - Texas Instruments CC3135 Datasheet HTML 67Page - Texas Instruments CC3135 Datasheet HTML 68Page - Texas Instruments CC3135 Datasheet HTML 69Page - Texas Instruments CC3135 Datasheet HTML 70Page - Texas Instruments CC3135 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
67
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Device and Documentation Support
Copyright © 2019, Texas Instruments Incorporated
8
Device and Documentation Support
8.1
Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES
NOT CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR
SERVICES OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR
SERVICES, EITHER ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
8.2
Tools and Software
TI offers an extensive line of development tools. Tools and software to evaluate the performance of the
device, generate code, and develop solutions are listed in this section.
For the most up-to-date list of development tools and software, see the CC3135 Tools & Software product
page. Users can also click the "Alert Me" button on the top right corner of the CC3135 Tools & Software
page to stay informed about updates related to the CC3135 device.
Development Tools
SimpleLink™ Wi-Fi® Starter Pro The supported devices are: CC3100, CC3200, CC3120R, CC3220x,
CC3135, and CC3235x.
The SimpleLink™ Wi-Fi® Starter Pro mobile App is a new mobile application for
SimpleLink™ provisioning. The app goes along with the embedded provisioning library and
example that runs on the device side (see SimpleLink™ Wi-Fi® SDK plugin and TI
SimpleLink™ CC32XX Software Development Kit (SDK)). The new provisioning release is a
TI recommendation for Wi-Fi provisioning using SimpleLink™ Wi-Fi® products. The
provisioning release implements advanced AP mode and SmartConfig™ technology
provisioning with feedback and fallback options to ensure successful process has been
accomplished. Customers can use both embedded library and the mobile library for
integration to their end products.
SimpleLink™ Wi-Fi® SDK plugin The CC3135 device is supported.
The CC3135 SDK contains drivers, many sample applications for Wi-Fi® features and
internet, and documentation needed to use the CC3135 Internet-on-a chip™ solution. This
SDK can be used with TI’s MSP432P401R LaunchPad™, or SimpleLink™ Studio, a PC tool
that allows MCU development with the CC3135 device. You can also use the SDK as
example code for any platform. All sample applications in the SDK are supported on TI’s
MSP432P401R ultra-low power MCUs with Code Composer Studio™ IDE and TI RTOS. In
addition, many of the applications support IAR.
SimpleLink™ Studio for CC31xx The CC31xx device is supported.
SimpleLink™ Studio for CC31xx is a Windows®-based software tool used to aid in the
development of embedded networking applications and software for microcontrollers. Using
SimpleLink™ Studio for CC31xx, embedded software developers can develop and test
applications using any desktop IDE, such as Visual Studio or Eclipse, and connect their
applications to the cloud using the CC31xx BoosterPack™ Plug-in Module. The application
can then be easily ported to any microcontroller. With the SimpleLink™ Wi-Fi® CC31xx
solution, customers now have the flexibility to add Wi-Fi® to any microcontroller (MCU). This
Internet-on-a-chip solution contains all you need to easily create IoT solutions: security, quick
connection, cloud support, and more. For more information on CC31xx devices, visit
SimpleLink™ Wi-Fi® solutions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn