Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 65 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
65
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Applications, Implementation, and Layout
Copyright © 2019, Texas Instruments Incorporated
7.2.3
Clock Interface Guidelines
The following guidelines are for the slow clock:
The 32.768-kHz crystal must be placed close to the VQFN package.
Ensure that the load capacitance is tuned according to the board parasitics to the frequency tolerance
within ±150 ppm.
The ground plane on layer two is solid below the trace lanes, and there is ground around these traces
on the top layer.
The following guidelines are for the fast clock:
The 40-MHz crystal must be placed close to the VQFN package.
Ensure that the load capacitance is tuned according to the board parasitics to the frequency tolerance
within ±10 ppm at room temperature. The total frequency across parts, temperature, and with aging
must be ±20 ppm to meet the WLAN specification.
To avoid noise degradation, ensure that no high-frequency lines are routed close to the routing of the
crystal pins.
Ensure that crystal tuning capacitors are close to the crystal pads.
Both traces (XTAL_N and XTAL_P) should be as close as possible to parallel and approximately the
same length.
The ground plane on layer two is solid below the trace lines, and there should be ground around these
traces on the top layer.
For frequency tuning, see CC31xx & CC32xx Frequency Tuning.
7.2.4
Digital Input and Output Guidelines
The following guidelines are for the digital I/Os:
Route SPI and UART lines away from any RF traces.
Keep the length of the high-speed lines as short as possible to avoid transmission line effects.
Keep the line lower than 1/10 of the rise time of the signal to ignore transmission line effects (required
if the traces cannot be kept short). Place the resistor at the source end closer to the device that is
driving the signal.
Add a series-terminating resistor for each high-speed line (for example, SPI_CLK or SPI_DATA) to
match the driver impedance to the line. Typical terminating-resistor values range from 27 to 36 Ω for a
50-Ω line impedance.
Route high-speed lines with a continuous ground reference plane below it to offer good impedance
throughout. This routing also helps shield the trace against EMI.
Avoid stubs on high-speed lines to minimize the reflections. If the line must be routed to multiple
locations, use a separate line driver for each line.
If the lines are longer compared to the rise time, add series-terminating resistors near the driver for
each high-speed line to match the driver impedance to the line. Typical terminating-resistor values
range from 27 to 36 Ω for a 50-Ω line impedance.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn