Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 63 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 59Page - Texas Instruments CC3135 Datasheet HTML 60Page - Texas Instruments CC3135 Datasheet HTML 61Page - Texas Instruments CC3135 Datasheet HTML 62Page - Texas Instruments CC3135 Datasheet HTML 63Page - Texas Instruments CC3135 Datasheet HTML 64Page - Texas Instruments CC3135 Datasheet HTML 65Page - Texas Instruments CC3135 Datasheet HTML 66Page - Texas Instruments CC3135 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
63
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Applications, Implementation, and Layout
Copyright © 2019, Texas Instruments Incorporated
7.2
PCB Layout Guidelines
This section details the PCB guidelines to speed up the PCB design using the CC3135 VQFN device.
Follow these guidelines ensures that the design will minimize the risk with regulatory certifications
including FCC, ETSI, and CE. For more information, see CC3135 and CC3235 SimpleLink™ Wi-Fi® and
IoT Solution Layout Guidelines.
7.2.1
General PCB Guidelines
Use the following PCB guidelines:
Verify the recommended PCB stackup in the PCB design guidelines, as well as the recommended
layers for signals and ground.
Ensure that the VQFN PCB footprint follows the information in Section 9.
Ensure that the VQFN PCB GND and solder paste follow the recommendations provided in CC3135
and CC3235 SimpleLink™ Wi-Fi® and IoT Solution Layout Guidelines.
Decoupling capacitors must be as close as possible to the VQFN device.
7.2.2
Power Layout and Routing
Three critical DC/DC converters must be considered for the CC3135 device.
Analog DC/DC converter
PA DC/DC converter
Digital DC/DC converter
Each converter requires an external inductor and capacitor that must be laid out with care. DC current
loops are formed when laying out the power components.
7.2.2.1
Design Considerations
The following design guidelines must be followed when laying out the CC3135 device:
Ground returns of the input decoupling capacitors (C12, C14, and C21) should be routed on Layer 2
using thick traces to isolate the RF ground from the noisy supply ground. This step is also required to
meet the IEEE spectral mask specifications.
Maintain the thickness of power traces to be greater than 12 mils. Take special consideration for power
amplifier supply lines (pin 33, 40, 41, and 42), and all input supply pins (pin 37, 39, and 44).
Ensure the shortest grounding loop for the PLL supply decoupling capacitor (pin 24).
Place all decoupling capacitors as close to the respective pins as possible.
Power budget—the CC3135 device can consume up to 450 mA for 3.3 V, 670 mA for 2.1 V, for
24 ms during the calibration cycle.
Ensure the power supply is designed to source this current without any issues. The complete
calibration (TX and RX) can take up to 17 mJ of energy from the battery over a time of 24 ms.
The CC3135 device contains many high-current input pins. Ensure the trace feeding these pins can
handle the following currents:
VIN_DCDC_PA input (pin 39) maximum 1 A
VIN_DCDC_ANA input (pin 37) maximum 600 mA
VIN_DCDC_DIG input (pin 44) maximum 500 mA
DCDC_PA_SW_P (pin 40) and DCDC_PA_SW_N (pin 41) switching nodes maximum 1 A
DCDC_PA_OUT output node (pin 42) maximum 1 A
DCDC_ANA_SW switching node (pin 38) maximum 600 mA
DCDC_DIG_SW switching node (pin 43) maximum 500 mA
VDD_PA_IN supply (pin 33) maximum 500 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn