Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 58Page - Texas Instruments CC3135 Datasheet HTML 59Page - Texas Instruments CC3135 Datasheet HTML 60Page - Texas Instruments CC3135 Datasheet HTML 61Page - Texas Instruments CC3135 Datasheet HTML 62Page - Texas Instruments CC3135 Datasheet HTML 63Page - Texas Instruments CC3135 Datasheet HTML 64Page - Texas Instruments CC3135 Datasheet HTML 65Page - Texas Instruments CC3135 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
62
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Applications, Implementation, and Layout
Copyright © 2019, Texas Instruments Incorporated
(1)
If the BLE/2.4 GHz Coexistence features is not used, these components are not required.
Table 7-2. Bill of Materials For CC3135 RF Section
Quantity
Designator
Value
Manufacturer
Part Number
Description
3
C31(1), C32(1),
C33(1)
68 pF
Murata
GRM0335C1H680JA1D
CAP, CERM, 68 pF, 50 V, +/- 5%,
C0G/NP0, 0201
4
C34(1), C35(1), C42,
C43
100 pF
Yageo
CC0201JRNPO8BN101
CAP, CERM, 100 pF, 25 V, +/- 5%,
C0G/NP0, 0201
1
C36
8.2 pF
Walsin
0402N8R2C500CT
CAP, CERM, 8.2 pF, 50 V, +/- 3%,
C0G/NP0, 0402
1
C37
2.2 pF
MuRata
GJM1555C1H2R2BB01D
CAP, CERM, 2.2 pF, 50 V, +/- 4.5%,
C0G/NP0, 0402
1
C38
1.6 pF
MuRata
GRM0335C1H1R6BA01D
CAP, CERM, 1.6 pF, 50 V, +/- 7%,
C0G/NP0, 0201
1
C39
1.9 pF
MuRata
GJM1555C1H1R9WB01D
CAP, CERM, 1.9 pF, 50 V, +/- 2.6%,
C0G/NP0, 0402
2
C40, C41
4.7 pF
MuRata
GRM0335C1H4R7BA01D
CAP, CERM, 4.7 pF, 50 V, +/- 3%,
C0G/NP0, 0201
1
E1
Ethertronics
M830520
WLAN ANTENNA 802.11, SMD
1
FL1
TDK
DEA202450BT-1294C1-H
Multilayer Chip Band Pass Filter For
2.4GHz W-LAN/Bluetooth, SMD
1
FL2
TDK
DEA165538BT-2236B1-H
Multilayer Band Pass Filter For
5GHz W-LAN/LTE-U
1
L4
3.9 nH
MuRata
LQG15HS3N9S02D
Inductor, Multilayer, Air Core,
3.9 nH, 0.75 A, 0.14 ohm, SMD
1
L5
2.7 nH
MuRata
LQG15WH2N7C02D
Inductor, Multilayer, Air Core,
2.7 nH, 0.9 A, 0.07 ohm, AEC-Q200
Grade 1, SMD
2
R18(1), R19(1)
100k
Vishay-Dale
CRCW0402100KJNED
RES, 100 k, 5%, 0.063 W,
AEC-Q200 Grade 0, 0402
2
U3(1), U5
Richwave
RTC6608OSP
0.03 GHz-6 GHz SPDT Switch
1
U4
TDK
DPX165950DT-8148A1
Multilayer Diplexer for 2.4 GHz
W-LAN & Bluetooth / 5 GHz W-LAN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn