Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CC3135 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 61 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
GND
E1
1
RF1
2
GND
3
RF2
4
VC2
RFC
5
VC1
6
U5
RTC6608OSP
RF_BG
A_RX
A_TX
GND
GND
GND
SOP1
SOP0
100pF
C42
100pF
C43
GND
GND
GND
GND
GND
2.7nH
L5
8.2pF
C36
4.7pF
C40
4.7pF
C41
1.6pF
C38
1.9pF
C39
3.9nH
L4
2.2pF
C37
1
IN
2
GND
OUT
3
DEA202450BT-1294C1-H
4
GND
FL1
1
IN
2
GND
3
OUT
DEA165538BT-2236B1-H
FL2
1
LBP
2
GND
DPX165950DT-8148A1
3
HBP
4
GND
CP
5
6
GND
U4
Antenna match. Pi
network might be
required depending on
1
RF1
2
GND
type of antenna.
RF2
3
VC2
4
5
RFC
VC1
6
U3
RTC6608OSP
GND
68pF
C31
68pF
C32
100k
R18
GND
100pF
C34
GND
GND
100k
R19
100pF
C35
GND
RF_BLE
GND
Circuit configuration for BLE/2.4-GHz
COEX only. Iff eature is not being used
these components are not required.
68pF
C33
Fine tuning of DC blocking capacitor
values for C31, C32, and C33 may be
required for optimal performance.
A DC blocking capacitor is required. If
the antenna match contains a series
capacitor, this is suffi cient to meet the
requirement and thus C36 is not
required.
Copyright © 2019, Texas Instruments Incorporated
Applications, Implementation, and Layout
Submit Documentation Feedback
Product Folder Links: CC3135
61
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Figure 7-8. CC3135 RF Schematic Implementation With and Without Coexistence
NOTE
The Following guidelines are recommended for implementation of the RF design:
Ensure an RF path is designed with an impedance of 50 Ω
Tuning of the antenna impedance π matching network is recommended after manufacturing of the PCB to account for PCB parasitics
π or L matching and tuning may be required between cascaded passive components on the RF path


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn