Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 56Page - Texas Instruments CC3135 Datasheet HTML 57Page - Texas Instruments CC3135 Datasheet HTML 58Page - Texas Instruments CC3135 Datasheet HTML 59Page - Texas Instruments CC3135 Datasheet HTML 60Page - Texas Instruments CC3135 Datasheet HTML 61Page - Texas Instruments CC3135 Datasheet HTML 62Page - Texas Instruments CC3135 Datasheet HTML 63Page - Texas Instruments CC3135 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
60
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Applications, Implementation, and Layout
Copyright © 2019, Texas Instruments Incorporated
Table 7-1. Bill of Materials for CC3135 Engine Area
Quantity
Designator
Value
Manufacturer
Part Number
Description
2
C1, C2
100 µF
Taiyo Yuden
LMK325ABJ107MMHT
CAP, CERM, 100 µF, 10 V,
+/- 20%, X5R, AEC-Q200 Grade 3,
1210
3
C3, C5, C6
4.7 µF
Taiyo Yuden
JMK105BC6475MV-F
CAP, CERM, 4.7 uF, 6.3 V,
+/- 20%, X6S, 0402
3
C4, C15, C25
0.6 pF
MuRata
GJM0335C1ER60BB01D
CAP, CERM, 0.6pF, 25 V,
+/- 16%, C0G/NP0, 0201
1
C7
0.5 pF
Murata
GJM0335C1ER50BB01D
CAP, CERM, 0.5 pF, 25 V,
+/- 20%, C0G/NP0, 0201
6
C8, C9, C10, C12,
C21, C22
0.1 µF
Walsin
CL05B104KO5NNNC
CAP, CERM, 0.1 µF, 16 V,
+/- 10%, X7R, 0402
1
C26
0.01 µF
Walsin
0402B103K500CT
CAP, CERM, 0.01 µF, 50 V,
+/- 10%, X7R, 0402
3
C11, C19, C24
10 µF
Taiyo Yuden
LMK107BC6106MA-T
CAP, CERM, 10 uF, 10 V,
+/- 20%, X6S, 0603
1
C13
0.2 pF
MuRata
GJM0335C1ER20BB01D
CAP, CERM, 0.2pF, 25 V,
+/- 50%, C0G/NP0, 0201
2
C14, C23
0.1 µF
Samsung Electro-
Mechanics
CL03A104KP3NNNC
CAP, CERM, 0.1 uF, 10 V,
+/- 10%, X5R, 0201
2
C16, C17
22 µF
MuRata
GRM188C80G226ME15J
CAP, CERM, 22 uF, 4 V,
+/- 20%, X6S, 0603
1
C18
1 µF
Walsin
CL05A105MP5NNNC
CAP, CERM, 1 µF, 10 V,
+/- 20%, X5R, 0402
2
C27, C28
10 pF
Walsin
0402N100J500CT
CAP, CERM, 10 pF, 50 V,
+/- 5%, C0G/NP0, 0402
2
C29, C30
6.2 pF
Walsin
0402N6R2C500CT
CAP, CERM, 6.2 pF, 50 V,
+/- 4%, C0G/NP0, 0402
3
J1, J2, J3
Wurth Elektronik
61300311121
Header, 2.54 mm, 3x1, Gold, TH
2
L1, L3
2.2 µH
MuRata
LQM2MPN2R2NG0
Inductor, Multilayer, Ferrite, 2.2 uH,
1.2 A, 0.11 ohm, SMD
1
L2
1 µH
MuRata
LQM2HPN1R0MG0L
Inductor, Multilayer, Ferrite, 1 uH,
1.6 A, 0.055 ohm, SMD
1
R1
Vishay-Dale
CRCW040210K0JNED
RES, 10 k, 5%, 0.063 W, AEC-
Q200 Grade 0, 0402
10
R2, R3, R4, R5, R6,
R7, R11, R13, R14,
R15
100k
Vishay-Dale
CRCW0402100KJNED
RES, 100 k, 5%, 0.063 W,
AEC-Q200 Grade 0, 0402
1
R8
270
Vishay-Dale
CRCW0402270RJNED
RES, 270, 5%, 0.063 W,
AEC-Q200 Grade 0, 0402
1
R12
100k
Yageo America
RC0201JR-07100KL
RES, 100 k, 5%, 0.05 W, 0201
4
R9, R10, R16, R17
69.8k
Vishay-Dale
CRCW040269K8FKED
RES, 69.8 k, 1%, 0.063 W,
AEC-Q200 Grade 0, 0402
1
U1
Macronix International
Co., LTD
MX25R3235FM1IL0
Ultra low power, 32M-bit
[x 1/x 2/x 4] CMOS MXSMIO (serial
multi I/O) Flash memory, SOP-8
1
U2
Texas Instruments
CC3135RNMRGKR
SimpleLink Wi-Fi, Dual-Band
Network Processor, RGK0064B
(VQFN-64)
1
Y1
Abracon Corporation
ABS07-32.768KHZ-9-T
Crystal, 32.768 kHz, 9PF, SMD
1
Y2
TXC Corporation
8Y40072002
Crystal, 40 MHz, 8 pF, SMD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn