Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CC3135 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
6
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Revision History
Copyright © 2019, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 2
1.4
Functional Block Diagram
............................ 3
2
Revision History
......................................... 6
3
Device Comparison
..................................... 7
3.1
Related Products
..................................... 8
4
Terminal Configuration and Functions
.............. 9
4.1
Pin Diagram
.......................................... 9
4.2
Pin Attributes
........................................ 10
4.3
Signal Descriptions
.................................. 14
4.4
Connections for Unused Pins
....................... 16
5
Specifications
........................................... 17
5.1
Absolute Maximum Ratings
......................... 17
5.2
ESD Ratings
........................................ 17
5.3
Power-On Hours (POH)
............................. 17
5.4
Recommended Operating Conditions
............... 17
5.5
Current Consumption Summary: 2.4 GHz RF Band 18
5.6
Current Consumption Summary: 5 GHz RF Band
.. 18
5.7
TX Power Control for 2.4 GHz Band
................ 19
5.8
TX Power Control for 5 GHz
........................ 21
5.9
Brownout and Blackout Conditions
................. 22
5.10
Electrical Characteristics for DIO Pins
.............. 23
5.11
Electrical Characteristics for Pin Internal Pullup and
Pulldown
............................................. 24
5.12
WLAN Receiver Characteristics
.................... 25
5.13
WLAN Transmitter Characteristics
.................. 26
5.14
WLAN Transmitter Out-of-Band Emissions
......... 27
5.15
BLE/2.4 GHz Radio Coexistence and WLAN
Coexistence Requirements
......................... 28
5.16
Thermal Resistance Characteristics for RGK
Package
............................................. 28
5.17
Timing and Switching Characteristics
............... 29
5.18
External Interfaces
.................................. 39
6
Detailed Description
................................... 43
6.1
Overview
............................................ 43
6.2
Device Features
..................................... 43
6.3
FIPS 140-2 Level 1 Certification
.................... 48
6.4
Power-Management Subsystem
.................... 48
6.5
Low-Power Operating Modes
....................... 49
6.6
Memory
.............................................. 50
6.7
Restoring Factory Default Configuration
............ 51
6.8
Hostless Mode
...................................... 52
7
Applications, Implementation, and Layout
........ 53
7.1
Application Information
.............................. 53
7.2
PCB Layout Guidelines
............................. 63
8
Device and Documentation Support
............... 67
8.1
Third-Party Products Disclaimer
.................... 67
8.2
Tools and Software
................................ 67
8.3
Firmware Updates
................................... 68
8.4
Device Nomenclature
............................... 68
8.5
Documentation Support
........................... 69
8.6
Community Resources
.............................. 70
8.7
Trademarks
.......................................... 70
8.8
Electrostatic Discharge Caution
..................... 71
8.9
Export Control Notice
............................... 71
8.10
Glossary
............................................. 71
9
Mechanical, Packaging, and Orderable
Information
.............................................. 72
9.1
Packaging Information
.............................. 72
9.1
Package Option Addendum
......................... 73
2
Revision History
DATE
REVISION
NOTES
January 2019
*
Initial Release


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn