Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 59 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 55Page - Texas Instruments CC3135 Datasheet HTML 56Page - Texas Instruments CC3135 Datasheet HTML 57Page - Texas Instruments CC3135 Datasheet HTML 58Page - Texas Instruments CC3135 Datasheet HTML 59Page - Texas Instruments CC3135 Datasheet HTML 60Page - Texas Instruments CC3135 Datasheet HTML 61Page - Texas Instruments CC3135 Datasheet HTML 62Page - Texas Instruments CC3135 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
GND
0.1µF
C12
GND
GND
2.2uH
L1
10uF
C11
VDD_ANA
GND
1uH
L2
22uF
C16
22uF
C17
1µF
C18
GND
0.1µF
C20
0.1µF
C21
10uF
C19
GND
GND
GND
GND
10uF
C24
0.1µF
C22
GND
GND
GND
0.1µF
C9
0.1µF
C8
4.7uF
C3
4.7uF
C5
4.7uF
C6
VBAT_CC
GND
GND
GND
GND
GND
1
2
Y1
32.768kHz
10pF
C28
10pF
C27
GND
100k
R11
0.01µF
C26
GND
VBAT_CC
GND
GND
GND
6.2pF
C30
6.2pF
C29
CC_nHIB
CC_IRQ
CC_SPI_DOUT
CC_SPI_DIN
CC_SPI_CLK
CC_SPI_CS
CC_WLRS232_TX
CC_WLRS232_RX
CC_WL_UART_TX
CC_NWP_UART_TX
CC_UART1_CTS
CC_UART1_RTS
CC_UART1_TX
CC_UART1_RX
0.1µF
C10
GND
100k
R2
VBAT_CC
10k
R1
SFL_CS
SFL_CLK
SFL_MISO
SFL_MOSI
GND
100k
R7
100k
R5
100k
R6
VBAT_CC
GND
2.2uH
L3
GND
CC_nRESET
CC_nHIB
CC_IRQ
CC_SPI_DIN
CC_SPI_DOUT
CC_SPI_CLK
CC_SPI_CS
CC_UART1_RTS
CC_UART1_TX
CC_UART1_CTS
CC_UART1_RX
RF_BG
A_TX
A_RX
GND
270
R8
SOP0
SOP1
100k
R15
J3
SOP2
GND
69.8k
R10
69.8k
R9
69.8k
R16
69.8k
R17
J2
J1
VBAT_CC
GND
Y2
40MHz
P4_DIO_13
100k
R4
100k
R3
GND
GND
0.6pF
C25
GND
0.5pF
C7
0.6pF
C4
GND
0.6pF
C15
GND
0.1uF
C14
0.1uF
C23
0.2pF
C13
CC3135RNM2RGKR
3
DIO12
4
DIO13
2
nHIB
8
HOST_SPI_nCS
5
HOST_SPI_CLK
6
9
HOST_SPI_MOSI
VDD_DIG1
10
VIN_IO1
11
FLASH_SPI_CLK
12
FLASH_SPI_MOSI
13
FLASH _SPI_MISO
14
FLASH _SPI_CS
7
HOST_SPI_MISO
16
DIO23
17
DIO24
15
HOST_INTR
19
Reserved
20
DIO29
21
SOP2/TCXO_EN
22
WLAN_XTAL_N
23
WLAN_XTAL_P
24
VDD_PLL
25
LDO_IN2
NC
26
27
A_RX
A_TX
28
53
DIO30
GND
30
31
RF_BG
32
nRESET
33
VDD_PA_IN
SOP1
34
SOP0
35
36
LDO_IN1
37
VIN_DCDC_ANA
38
DCDC_ANA_SW
39
VIN_DCDC_PA
40
DCDC_PA_SW_P
41
DCDC_PA_SW_N
42
DCDC_PA_OUT
43
DCDC_DIG_SW
44
VIN_DCDC_DIG
45
DIO31
NC
46
47
VDD_ANA2
48
VDD_ANA1
49
VDD_RAM
61
UART1_nCTS
51
RTC_XTAL_P
52
RTC_XTAL_N
18
DIO28
54
VIN_IO2
50
UART1_nRTS
56
VDD_DIG2
55
UART1_TX
57
UART1_RX
58
TEST_58
59
TEST_59
60
TEST_60
62
TEST_62
DIO8
63
DIO9
64
GND
65
1
DIO10
GND
29
U2
VBAT_CC
P3_DIO_12
P1_DIO_10
GND
See Figure 7.8 For
RF Configuration Options
CS
1
MX25R1635FM1IL0
2
SO/SIO1
3
WP/SIO2
4
GND
5
SI/SIO0
6
SCLK
7
8
VCC
RESET/SIO3
U1
Flash Programming /
TP1
Host Control
TP2
TP3
TP4
R7 is needed only if
UART is used as the
host interface
HOST INTERFACE
(Ensure that nHIBline does
Optional:
not float at any time.)
Consider adding extra decoupling
100k
R12
the peak currents.
capacitors if the battery cannot source
GND
VBAT_CC
C1
100µF
C2
100µF
GND
GND
100k
R13
GND
100k
R14
GND
VDD_PA
VDD_DIG
VBAT_CC
P16_DIO_23
P17_DIO_24
P20_DIO_29
P45_DIO_31
P18_DIO_28
P53_DIO_30
P63_DIO_8
P64_DIO_9
GND
Copyright © 2019, Texas Instruments Incorporated
Applications, Implementation, and Layout
Submit Documentation Feedback
Product Folder Links: CC3135
59
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Figure 7-7. CC3135 Engine Area


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn