Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 58 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 54Page - Texas Instruments CC3135 Datasheet HTML 55Page - Texas Instruments CC3135 Datasheet HTML 56Page - Texas Instruments CC3135 Datasheet HTML 57Page - Texas Instruments CC3135 Datasheet HTML 58Page - Texas Instruments CC3135 Datasheet HTML 59Page - Texas Instruments CC3135 Datasheet HTML 60Page - Texas Instruments CC3135 Datasheet HTML 61Page - Texas Instruments CC3135 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
BLE
CCxxxx
WLAN
CC3135
5 GHz SPDT RF
SWITCH
5 GHz
BPF
2.4 / 5 GHz
Diplexer
2.4 GHz
BPF
A_TX
A_RX
SOP0
SOP1
RF_BG
CC_COEX_SW_OUT
CC_COEX_BLE_IN
Coex IO
RF
Dual Band Ant. 1
Antenna Selection
SPDT RF Switch
Dual Band Ant. 2
ANT_SEL_1
ANT_SEL_2
BLE Ant.
58
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Applications, Implementation, and Layout
Copyright © 2019, Texas Instruments Incorporated
Figure 7-6 shows the antenna selection implementation for Wi-Fi®, with BLE operating on it's own
antenna. The SOP lines control the 5 GHz switch. Note in this implementation no Coex switch is required
and only a single GPIO from the BLE device to the CC3135 device is required. The Antenna switch is
controlled by 2 GPIO lines from the CC3135 device.
Figure 7-6. Coexistence Solution with Wi-Fi Antenna Selection and Dedicated BLE Antenna
7.1.3
Typical Application
Figure 7-7 shows the schematic of the engine area for the CC3135 device in the wide-voltage mode of
operation, with the corresponding bill of materials show in Table 7-1. Figure 7-8 provides the schematic for
the RF implementation with and without BLE/2.4 GHz coexistence, with the corresponding bill of materials
shown in Table 7-2. For a full operation reference design, see the CC3135 SimpleLink™ WI-Fi®
BoosterPack™ Design Files.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn