Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 56 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
BLE
CCxxxx
WLAN
CC3135
5 GHz SPDT RF
SWITCH
5 GHz
BPF
2.4 / 5 GHz
Diplexer
2.4 GHz
BPF
A_TX
A_RX
SOP0
SOP1
RF_BG
CC_COEX_SW_OUT
CC_COEX_BLE_IN
Coex IO
RF
BLE Ant.
Dual Band Ant.
56
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Applications, Implementation, and Layout
Copyright © 2019, Texas Instruments Incorporated
Figure 7-4 shows the dual antenna implementation of a complete Bluetooth® low energy and WLAN
coexistence network with the WLAN operating on either a 2.4- or a 5 GHz band. In this case, the 2.4 GHz
and 5 GHz Wi-Fi share an antenna and the BLE has it's own dedicated antenna. The SOP lines control
the 5 GHz switch. Note in this implementation no Coex switch is required and only a single GPIO from the
BLE device to the CC3135 device is required.
Figure 7-4. Dual Antenna Coexistence Solution with 5 GHz Wi-Fi®


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn