Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 52 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 48Page - Texas Instruments CC3135 Datasheet HTML 49Page - Texas Instruments CC3135 Datasheet HTML 50Page - Texas Instruments CC3135 Datasheet HTML 51Page - Texas Instruments CC3135 Datasheet HTML 52Page - Texas Instruments CC3135 Datasheet HTML 53Page - Texas Instruments CC3135 Datasheet HTML 54Page - Texas Instruments CC3135 Datasheet HTML 55Page - Texas Instruments CC3135 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
52
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
6.8
Hostless Mode
The SimpleLink™ Wi-Fi® CC3135 device incorporates a scripting ability that enables offloading of simple
tasks from the host processor. Using simple and conditional scripts, repetitive tasks can be handled
internally, which allows the host processor to remain in a low-power state. In some cases where the
scripter is being used to send packets, it reduces code footprint and memory consumption. The if-this-
then-that style conditioning can include anything from GPIO toggling to transmitting packets.
The conditional scripting abilities can be divided into conditions and actions. The conditions define when to
trigger actions. Only one action can be defined per condition, but multiple instances of the same condition
may be used, so in effect multiple actions can be defined for a single condition. In total, 16 condition and
action pairs can be defined. The conditions can be simple, or complex using sub-conditions (using a
combinatorial AND condition between them). The actions are divided into two types, those that can occur
during runtime and those that can occur only during the initialization phase.
The following actions can only be performed when triggered by the pre-initialization condition:
Set roles AP, station, P2P, and Tag modes
Delete all stored profiles
Set connection policy
Hardware GPIO indication allows an I/O to be driven directly from the WLAN core hardware to indicate
internal signaling
The following actions may be activated during runtime:
Send transceiver packet
Send UDP packet
Send TCP packet
Increment counter increments one of the user counters by 1
Set counter allows setting a specific value to a counter
Timer control
Set GPIO allows GPIO output from the device using the internal networking core
Enter Hibernate state
NOTE
Consider the following limitations:
Timing cannot be ensured when using the network scripter because some variable
latency will apply depending on the utilization of the networking core.
The scripter is limited to 16 pairs of conditions and reactions.
Both timers and counters are limited to 8 instances each. Timers are limited to a
resolution of 1 second. Counters are 32 bits wide.
Packet length is limited to the size of one packet and the number of possible packet
tokens is limited to 8.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn