Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 48 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 44Page - Texas Instruments CC3135 Datasheet HTML 45Page - Texas Instruments CC3135 Datasheet HTML 46Page - Texas Instruments CC3135 Datasheet HTML 47Page - Texas Instruments CC3135 Datasheet HTML 48Page - Texas Instruments CC3135 Datasheet HTML 49Page - Texas Instruments CC3135 Datasheet HTML 50Page - Texas Instruments CC3135 Datasheet HTML 51Page - Texas Instruments CC3135 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
48
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
(1)
For exact status of FIPS certification for a specific part number, please refer to https://csrc.nist.gov/publications/fips.
6.3
FIPS 140-2 Level 1 Certification
The Federal Information Processing Standard (FIPS) Publication 140-2 is a U.S. government computer
security standard. It is commonly referred to as FIPS 140-2 and is used to accredit the design and
implementation of cryptographic modules. A cryptographic module within a security system is necessary to
maintain the confidentiality and integrity of the information protected by the device.
The security engines of the CC3135 device is FIPS validated for FIPS 140-2 level 1 certification (1). This
certification involves testing the device for all areas related to the secure design and implementation of the
cryptographic modules and covers topics such as: cryptographic specifications, ports and interfaces, a
finite state model for the cryptographic module, the operational environment of the module, and how
cryptographic keys are managed.
6.4
Power-Management Subsystem
The CC3135 power-management subsystem contains DC/DC converters to accommodate the different
voltage or current requirements of the system.
Digital DC/DC (Pin 44): Input: VBAT wide voltage (2.1 to 3.6 V)
ANA1 DC/DC (Pin 38): Input: VBAT wide voltage (2.1 to 3.6 V)
PA DC/DC (Pin 39): Input: VBAT wide voltage (2.1 to 3.6 V)
The CC3135 device is a single-chip WLAN radio solution used on an embedded system with a wide-
voltage supply range. The internal power management, including DC/DC converters and LDOs, generates
all of the voltages required for the device to operate from a wide variety of input sources. For maximum
flexibility, the device can operate in the modes described in Section 6.4.1.
6.4.1
VBAT Wide-Voltage Connection
In the wide-voltage battery connection, the device is powered directly by the battery or preregulated 3.3-V
supply. All other voltages required to operate the device are generated internally by the DC/DC
converters. This scheme supports wide-voltage operation from 2.1 to 3.6 V and is thus the most common
mode for the device.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn