Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 47 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
47
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
Secure sockets
Protocol versions: SSL v3/TLS 1.0/TLS 1.1/TLS 1.2
On-chip powerful crypto engine for fast, secure Wi-Fi and internet connections with 256-bit AES
encryption for TLS and SSL connections
Ciphers suites
SL_SEC_MASK_SSL_RSA_WITH_RC4_128_SHA
SL_SEC_MASK_SSL_RSA_WITH_RC4_128_MD5
SL_SEC_MASK_TLS_RSA_WITH_AES_256_CBC_SHA
SL_SEC_MASK_TLS_DHE_RSA_WITH_AES_256_CBC_SHA
SL_SEC_MASK_TLS_ECDHE_RSA_WITH_AES_256_CBC_SHA
SL_SEC_MASK_TLS_ECDHE_RSA_WITH_RC4_128_SHA
SL_SEC_MASK_TLS_RSA_WITH_AES_128_CBC_SHA256
SL_SEC_MASK_TLS_RSA_WITH_AES_256_CBC_SHA256
SL_SEC_MASK_TLS_ECDHE_RSA_WITH_AES_128_CBC_SHA256
SL_SEC_MASK_TLS_ECDHE_ECDSA_WITH_AES_128_CBC_SHA256
SL_SEC_MASK_TLS_ECDHE_ECDSA_WITH_AES_128_CBC_SHA
SL_SEC_MASK_TLS_ECDHE_ECDSA_WITH_AES_256_CBC_SHA
SL_SEC_MASK_TLS_RSA_WITH_AES_128_GCM_SHA256
SL_SEC_MASK_TLS_RSA_WITH_AES_256_GCM_SHA384
SL_SEC_MASK_TLS_DHE_RSA_WITH_AES_128_GCM_SHA256
SL_SEC_MASK_TLS_DHE_RSA_WITH_AES_256_GCM_SHA384
SL_SEC_MASK_TLS_ECDHE_RSA_WITH_AES_128_GCM_SHA256
SL_SEC_MASK_TLS_ECDHE_RSA_WITH_AES_256_GCM_SHA384
SL_SEC_MASK_TLS_ECDHE_ECDSA_WITH_AES_128_GCM_SHA256
SL_SEC_MASK_TLS_ECDHE_ECDSA_WITH_AES_256_GCM_SHA384
SL_SEC_MASK_TLS_ECDHE_ECDSA_WITH_CHACHA20_POLY1305_SHA256
SL_SEC_MASK_TLS_ECDHE_RSA_WITH_CHACHA20_POLY1305_SHA256
SL_SEC_MASK_TLS_DHE_RSA_WITH_CHACHA20_POLY1305_SHA256
Server authentication
Client authentication
Domain name verification
Socket upgrade to secure socket – STARTTLS
6.2.4
Host Interface and Driver
Interfaces over a 4-wire serial peripheral interface (SPI) with any MCU or a processor at a clock speed
of 20 MHz.
Interfaces over UART with any MCU with a baud rate up to 3 Mbps. A low footprint driver is provided
for TI MCUs and is easily ported to any processor or ASIC.
Simple APIs enable easy integration with any single-threaded or multithreaded application.
6.2.5
System
Works from a single preregulated power supply or connects directly to a battery
Ultra-low leakage when disabled (hibernate mode) with a current of less than 4 µA with the RTC
running
Integrated clock sources


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn