Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 42Page - Texas Instruments CC3135 Datasheet HTML 43Page - Texas Instruments CC3135 Datasheet HTML 44Page - Texas Instruments CC3135 Datasheet HTML 45Page - Texas Instruments CC3135 Datasheet HTML 46Page - Texas Instruments CC3135 Datasheet HTML 47Page - Texas Instruments CC3135 Datasheet HTML 48Page - Texas Instruments CC3135 Datasheet HTML 49Page - Texas Instruments CC3135 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
46
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
6.2.3
Security
The SimpleLink Wi-Fi CC3135 Internet-on-a chip device enhances the security capabilities available for
development of IoT devices, while completely offloading these activities from the MCU to the networking
subsystem. The security capabilities include the following key features:
Code and Data Security:
Secured network information: Network passwords and certificates are encrypted
Secured and authenticated service pack: SP is signed based on TI certificate
Wi-Fi and Internet Security:
Personal and enterprise Wi-Fi security
Personal standards
AES (WPA2-PSK)
TKIP (WPA-PSK)
WEP
Enterprise standards
EAP Fast
EAP PEAPv0 MSCHAPv2
EAP PEAPv0 TLS
EAP PEAPv1 TLS EAP LS
EAP TTLS TLS
EAP TTLS MSCHAPv2
Secure HTTP server (HTTPS)
The Trusted root-certificate catalog verifies that the CA used by the application is trusted and known
secure content delivery
The TI root-of-trust public key is a hardware-based mechanism that allows authenticating TI as the
genuine origin of a given content using asymmetric keys
Secure content delivery allows file transfer to the system in a secure way on any unsecured tunnel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn