Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 45 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 41Page - Texas Instruments CC3135 Datasheet HTML 42Page - Texas Instruments CC3135 Datasheet HTML 43Page - Texas Instruments CC3135 Datasheet HTML 44Page - Texas Instruments CC3135 Datasheet HTML 45Page - Texas Instruments CC3135 Datasheet HTML 46Page - Texas Instruments CC3135 Datasheet HTML 47Page - Texas Instruments CC3135 Datasheet HTML 48Page - Texas Instruments CC3135 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
45
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
Table 6-1. NWP Features
Feature
Description
Wi-Fi standards
802.11a/b/g/n station
802.11a/b/g AP supporting up to four stations
Wi-Fi Direct client and group owner
Wi-Fi channels
2.4 GHz ISM and 5 GHz U-NII Channels
Channel Bandwidth
20 MHz
Wi-Fi security
WEP, WPA/WPA2 PSK, WPA2 enterprise (802.1x)
Wi-Fi provisioning
SmartConfig technology, Wi-Fi protected setup (WPS2), AP mode with internal HTTP web server
IP protocols
IPv4/IPv6
IP addressing
Static IP, LLA, DHCPv4, DHCPv6 with DAD
Cross layer
ARP, ICMPv4, IGMP, ICMPv6, MLD, NDP
Transport
UDP, TCP
SSLv3.0/TLSv1.0/TLSv1.1/TLSv1.2
RAW
Network applications and
utilities
Ping
HTTP/HTTPS web server
mDNS
DNS-SD
DHCP server
Host interface
UART/SPI
Security
Device identity
Trusted root-certificate catalog
TI root-of-trust public key
Power management
Enhanced power policy management uses 802.11 power save and deep-sleep power modes
Other
Transceiver
Programmable RX filters with event-trigger mechanism
Rx Metrics for tracking the surrounding RF environment


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn