Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 40Page - Texas Instruments CC3135 Datasheet HTML 41Page - Texas Instruments CC3135 Datasheet HTML 42Page - Texas Instruments CC3135 Datasheet HTML 43Page - Texas Instruments CC3135 Datasheet HTML 44Page - Texas Instruments CC3135 Datasheet HTML 45Page - Texas Instruments CC3135 Datasheet HTML 46Page - Texas Instruments CC3135 Datasheet HTML 47Page - Texas Instruments CC3135 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
44
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
6.2.2
Network Stack
The Network Stack features are as follows:
Integrated IPv4, IPv6 TCP/IP stack with BSD socket APIs for simple Internet connectivity with any
MCU, microprocessor, or ASIC
NOTE
Not all APIs are 100% BSD compliant. Not all BSD APIs are supported.
Support of 16 simultaneous TCP, UDP, RAW, SSL\TLS sockets
Built-in network protocols:
Static IP, LLA, DHCPv4, DHCPv6 with DAD and stateless autoconfiguration
ARP, ICMPv4, IGMP, ICMPv6, MLD, ND
DNS client for easy connection to the local network and the Internet
Built-in network applications and utilities:
HTTP/HTTPS
Web page content stored on serial flash
RESTful APIs for setting and configuring application content
Dynamic user callbacks
Service discovery: Multicast DNS service discovery lets a client advertise its service without a
centralized server. After connecting to the access point, the CC3135 device provides critical
information, such as device name, IP, vendor, and port number.
DHCP server
Ping
Table 6-1 describes the NWP features.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn