Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CC3135 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 43 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
43
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
6
Detailed Description
6.1
Overview
Connect any microcontroller (MCU) to the Internet of Things (IoT) with the CC3135 device, a dual-band
wireless network processor from Texas Instruments™. The CC3135 Wi-Fi® Internet-on-a chip™ device
contains an Arm® Cortex®-M3 MCU dedicated to wi-fi and internet protocols, in order to offload networking
activities from the host MCU. The subsystem includes a dual band 802.11a/b/g/n radio, baseband, and
MAC with a powerful crypto engine for fast, secure Internet connections with 256-bit encryption and a built
in power management for best in class low power performance. The CC3135 device supports station, AP,
and
Wi-Fi Direct® modes. The device also supports WPA2™ personal and enterprise security and WPS 2.0.
The Wi-Fi network processor includes an embedded IPv6 and IPv4 TCP/IP stack.
6.2
Device Features
6.2.1
WLAN
The WLAN features are as follows:
802.11a/b/g/n integrated radio, modem, and MAC supporting WLAN communication as a BSS station,
AP, Wi-Fi Direct® client, and group owner with CCK and OFDM rates in the 2.4 GHz ISM band
(channels 1 through 13), and the 5 GHz 20-MHz BW U-NII bands (U-NII-1, U-NII-2A, U-NII-2C, and U-
NII-3).
NOTE
802.11n is supported only in Wi-Fi
® station and Wi-Fi Direct®.
The automatically calibrated radio with a single-ended 50-Ω interface enables easy connection to the
antenna without requiring expertise in radio circuit design.
Advanced connection manager with multiple user-configurable profiles stored in serial flash allows
automatic fast connection to an access point without user or host intervention.
Supports all common Wi-Fi security modes for personal and enterprise networks with on-chip security
accelerators, including: WEP, WPA/WPA2 PSK, WPA2 Enterprise (802.1x).
Smart provisioning options deeply integrated within the device providing a comprehensive end-to-end
solution. With elaborate events notification to the host, enabling the application to control the
provisioning decision flow. The wide variety of Wi-Fi provisioning methods include:
Access Point with HTTP server
WPS - Wi-Fi Protected Setup, supporting both push button and pin code options.
SmartConfig™ Technology: TI proprietary, easy to use, one-step, one-time process used to
connect a CC3135-enabled device to the home wireless network.
802.11 transceiver mode allows transmitting and receiving of proprietary data through a socket The
802.11 transceiver mode provides the option to select the working channel, rate, and transmitted
power. The receiver mode works with the filtering options.
Antenna selection for best connection
BLE/2.4 GHz radio coexistence mechanism to avoid interference


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn