Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 38Page - Texas Instruments CC3135 Datasheet HTML 39Page - Texas Instruments CC3135 Datasheet HTML 40Page - Texas Instruments CC3135 Datasheet HTML 41Page - Texas Instruments CC3135 Datasheet HTML 42Page - Texas Instruments CC3135 Datasheet HTML 43Page - Texas Instruments CC3135 Datasheet HTML 44Page - Texas Instruments CC3135 Datasheet HTML 45Page - Texas Instruments CC3135 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
HOST MCU
UART
nRTS
nCTS
TX
RX
H_IRQ
CC3135R SL
UART
nRTS
nCTS
TX
RX
H_IRQ
X
X
42
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.18.3.3 3-Wire UART Topology
The 3-wire UART topology requires only the following lines (see Figure 5-20):
RX
TX
CTS
Figure 5-20. 3-Wire UART Topology
Using this topology requires meeting one of the following conditions:
The host always stays awake or active.
The host goes to sleep but the UART module has receiver start-edge detection for auto-wake-up and
does not lose data.
The host can always receive any amount of data transmitted by the SimpleLink™ device because
there is no flow control in this direction.
Because there is no full flow control, the host cannot stop the SimpleLink™ device to send its data; thus,
the following parameters must be carefully considered:
Maximum baud rate
RX character interrupt latency and low-level driver jitter buffer
Time consumed by the user's application


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn