Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 36Page - Texas Instruments CC3135 Datasheet HTML 37Page - Texas Instruments CC3135 Datasheet HTML 38Page - Texas Instruments CC3135 Datasheet HTML 39Page - Texas Instruments CC3135 Datasheet HTML 40Page - Texas Instruments CC3135 Datasheet HTML 41Page - Texas Instruments CC3135 Datasheet HTML 42Page - Texas Instruments CC3135 Datasheet HTML 43Page - Texas Instruments CC3135 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
MCU
HOST_SPI_CLK
HOST_SPI_nCS
HOST_SPI_MISO
HOST_SPI_MOSI
HOST_INTR
SPI_CLK
SPI_nCS
SPI_MISO
SPI_MOSI
INTR
GPIO
nHIB
CC3135R (slave)
40
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.18.2 SPI Host Interface
The device interfaces to an external host using the SPI interface. The CC3135 device can interrupt the
host using the HOST_INTR line to initiate the data transfer over the interface. The SPI host interface can
work up to a speed of 20 MHz.
Figure 5-17 shows the SPI host interface.
Figure 5-17. SPI Host Interface
Table 5-23 lists the SPI host interface pins.
Table 5-23. SPI Host Interface
PIN NAME
DESCRIPTION
HOST_SPI_CLK
Clock (up to 20 MHz) from MCU host to CC3135 device
HOST_SPI_nCS
CS (active low) signal from MCU host to CC3135 device
HOST_SPI_MOSI
Data from MCU host to CC3135 device
HOST_INTR
Interrupt from CC3135 device to MCU host
HOST_SPI_MISO
Data from CC3135 device to MCU host
nHIB
Active-low signal that commands the CC3135 device to enter hibernate mode (lowest power state)


Similar Part No. - CC3135

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3135MOD TI1-CC3135MOD Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MODRNMMOBR TI1-CC3135MODRNMMOBR Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MOD TI1-CC3135MOD_V01 Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
More results

Similar Description - CC3135

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3135MOD TI1-CC3135MOD_V01 Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3235S TI1-CC3235S Datasheet
1Mb / 106P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band, Single-Chip Solution
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3130 TI-CC3130 Datasheet
2Mb / 75P
[Old version datasheet]   CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3000MOD TI-CC3000MOD Datasheet
643Kb / 16P
[Old version datasheet]   TI SimpleLink CC3000 Module . Wi-Fi 802.11b/g Network Processor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz