Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 4 Page - Texas Instruments

  CC3135 Datasheet HTML 1Page - Texas Instruments CC3135 Datasheet HTML 2Page - Texas Instruments CC3135 Datasheet HTML 3Page - Texas Instruments CC3135 Datasheet HTML 4Page - Texas Instruments CC3135 Datasheet HTML 5Page - Texas Instruments CC3135 Datasheet HTML 6Page - Texas Instruments CC3135 Datasheet HTML 7Page - Texas Instruments CC3135 Datasheet HTML 8Page - Texas Instruments CC3135 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
External MCU
SPI or UART Driver
SimpleLink Driver APIs
SPI /
UART
Wi-Fi Network Processor
Host Interface
1 x SPI
1 x UART
Network Processor
POWER
Management
Application
Protocols
RAM
ROM
Wi-Fi Driver
TCP/IP Stack
Synthesizer
(ARM Cortex
TM)
Oscillators
DC2DC
RTC
4
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Device Overview
Copyright © 2019, Texas Instruments Incorporated
Figure 1-2 shows the CC3135 hardware overview.
Figure 1-2. CC3135 Hardware Overview


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn